Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H2PROT Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # H2PROT
Description  Typical application configuration for Micro RWD module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

H2PROT Datasheet(HTML) 1 Page - rfsolutions.ltd

  H2PROT Datasheet HTML 1Page - rfsolutions.ltd H2PROT Datasheet HTML 2Page - rfsolutions.ltd H2PROT Datasheet HTML 3Page - rfsolutions.ltd H2PROT Datasheet HTML 4Page - rfsolutions.ltd H2PROT Datasheet HTML 5Page - rfsolutions.ltd H2PROT Datasheet HTML 6Page - rfsolutions.ltd H2PROT Datasheet HTML 7Page - rfsolutions.ltd H2PROT Datasheet HTML 8Page - rfsolutions.ltd H2PROT Datasheet HTML 9Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ib technology
1
Data Sheet
H2PROT.PDF
9 Pages
Last Revised 04/11/09
Micro RWD H2 Protocol
The MicroRWD H2 version is a complete reader and tag acceptance solution for Hitag 2
RF transponders. The solution only needs a 700uH antenna coil connected and 5v DC
supply to be a fully featured read/write system. The module provides internal EEPROM
memory for holding lists of authorised identity codes, a manual override switch facility
and has LED drives to give visual indication of acceptance.
The RWD also has a TTL level RS232 interface that allows a host system to
communicate with the RWD if necessary, so that system features can be customised,
configurations changed and tag read/write data handled by the host system.
The Hitag 2 transponders provide 256 bits (32 bytes) of read/write EEPROM memory
arranged as 8 partitioned 32 bit pages. An area of 128 bits (16 bytes) is open for general
user data. The Hitag 2 transponders are configurable for different modes of operation
and the MircoRWD H2 version supports the high security PASSWORD mode only.
This feature uses two password codes stored both in the H2 transponder and the RWD
that are mutually exchanged when a tag is brought into the RF field; the tag is only
unlocked for read/write operations if these codes exactly agree.
The use of this Mutual Authentication process, encrypted communications and a pulsed
RF field ensures that the MicroRWD H2 reader system is very secure.
TTL
RS232 I/F
Tx
Rx
CTS
LOAD
Screen
(if applicable)
700 uH Antenna
25ma (sink) O/P drives
Micro
RWD
HT
Green LED
Red LED
1k
SW overri
de
+5v
0v GND
+5v DC supply
25ma (sink) (O/P) drives
+5v
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
0v GND
22R nom
Typical application configuration for Micro RWD module


Similar Part No. - H2PROT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H2P-SHF-AA ETC2-H2P-SHF-AA Datasheet
142Kb / 4P
Disconnectable Crimp style connectors
logo
Unictron Technologies C...
H2P13AAAAB0300 UNICTRON-H2P13AAAAB0300 Datasheet
219Kb / 5P
1575.42 MHz GPS ceramic patch antenna
H2P13BAAAB0100 UNICTRON-H2P13BAAAB0100 Datasheet
226Kb / 5P
1575.42 MHz GPS ceramic patch antenna
H2P13CABAC0100 UNICTRON-H2P13CABAC0100 Datasheet
219Kb / 5P
1575.42 MHz GPS ceramic patch antenna
H2P13DABAC0100 UNICTRON-H2P13DABAC0100 Datasheet
233Kb / 5P
1575.42 MHz GPS ceramic patch antenna
More results

Similar Description - H2PROT

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK1517 KODENSHI-KK1517 Datasheet
97Kb / 2P
TYPICAL APPLICATION CIRCUIT
logo
THOR communications
F-1V2A THOR-F-1V2A Datasheet
104Kb / 1P
Typical F-1V2A Application
F-EDFA THOR-F-EDFA Datasheet
106Kb / 1P
Typical F-EDFA Application
F-LAN THOR-F-LAN Datasheet
126Kb / 1P
Typical F-LAN Application
logo
rfsolutions.ltd
ANTENNA_125 RFSOLUTIONS-ANTENNA_125 Datasheet
118Kb / 4P
Micro RWD 125kHz Antenna Specification
H1W200102 RFSOLUTIONS-H1W200102 Datasheet
57Kb / 10P
Micro RWD H1 ?쏻iegand??Output Version
EMPROT RFSOLUTIONS-EMPROT Datasheet
229Kb / 17P
Micro RWD EM4102 Low Power Version
ANTENNA_1356 RFSOLUTIONS-ANTENNA_1356 Datasheet
247Kb / 6P
Micro RWD MF (Mifare) Antenna Specification
MFPROT_LP RFSOLUTIONS-MFPROT_LP Datasheet
348Kb / 35P
Micro RWD MF Mifare Low Power Version
logo
Altech corporation
2DU1 ALTECH-2DU1 Datasheet
1Mb / 19P
Typical UL508 Application
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com