Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H2PROT Datasheet(PDF) 8 Page - rfsolutions.ltd

Part # H2PROT
Description  Typical application configuration for Micro RWD module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

H2PROT Datasheet(HTML) 8 Page - rfsolutions.ltd

  H2PROT Datasheet HTML 1Page - rfsolutions.ltd H2PROT Datasheet HTML 2Page - rfsolutions.ltd H2PROT Datasheet HTML 3Page - rfsolutions.ltd H2PROT Datasheet HTML 4Page - rfsolutions.ltd H2PROT Datasheet HTML 5Page - rfsolutions.ltd H2PROT Datasheet HTML 6Page - rfsolutions.ltd H2PROT Datasheet HTML 7Page - rfsolutions.ltd H2PROT Datasheet HTML 8Page - rfsolutions.ltd H2PROT Datasheet HTML 9Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ib technology
8
For READ and WRITE commands a second security check is automatically performed
by mutually exchanging two Passwords between the RWD and the Hitag2 tag. If the
PASSWORD exchange operation is successful then memory access is allowed and the
READ and WRITE commands can proceed.
The first password is four bytes long (32 bits) and is called the "RWD PASSWORD"
which is located at page 1 in the tag memory. The second password is three bytes long
(24 bits) and is called the "TAG PASSWORD". It is located at page 3 in the tag from the
second to the forth byte, the first byte in page 3 is the tag configuration byte which
controls the basic mode of operation. This should be left as 06 (hex) until the system is
fully understood. The configuration byte bit definitions are described at the end of this
document.
The RWD and TAG PASSWORDS are also stored in the Micro RWD EEPROM to
allow the reader to verify the tag, and the tag to mutually verify the reader.
For READ and WRITE commands the Micro RWD reader sends the RWD
PASSWORD to the H2 tag first, which then checks this code against it’s own RWD
PASSWORD. If they agree then the H2 tag sends it’s TAG PASSWORD to the reader
which then checks the code against it’s stored TAG PASSWORD. If they agree then the
second security level has been passed and the READ/WRITE commands can proceed.
The use of these two levels of security makes the Hitag 2 tags very suitable for secure
data storage or for RF identification applications such as locks and access control.
Hitag 2 Memory Map (PASSWORD mode)
The memory of the Hitag 2 transponder consists of 256 bits of very low power
EEPROM memory which is organised into 8 pages of 32 bits (4 bytes) each.
Page No.
Content (32 bit words/ 4 bytes)
0
Serial number
1
Password RWD
(Default = “MIKR” = 4D 49 4B 52 hex)
2
Reserved
3
8 bit Configuration, 24 bit Password TAG (Default = 06 AA 48 54 hex)
4
Read/Write page
5
Read/Write page
6
Read/Write page
7
Read/Write page



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com