Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H2PROT Datasheet(PDF) 6 Page - rfsolutions.ltd

Part # H2PROT
Description  Typical application configuration for Micro RWD module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

H2PROT Datasheet(HTML) 6 Page - rfsolutions.ltd

  H2PROT Datasheet HTML 1Page - rfsolutions.ltd H2PROT Datasheet HTML 2Page - rfsolutions.ltd H2PROT Datasheet HTML 3Page - rfsolutions.ltd H2PROT Datasheet HTML 4Page - rfsolutions.ltd H2PROT Datasheet HTML 5Page - rfsolutions.ltd H2PROT Datasheet HTML 6Page - rfsolutions.ltd H2PROT Datasheet HTML 7Page - rfsolutions.ltd H2PROT Datasheet HTML 8Page - rfsolutions.ltd H2PROT Datasheet HTML 9Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ib technology
6
Message
Command to return product and firmware identifier string to host.
B7
B0
Command:
0 1 1 1 1 0 1 0
(ASCII “z”, 0x7A)
Reply:
“a IDE RWD H2 (SECx V1.xx) DD/MM/YY” 0x00
Returned string identifies author, product descriptor, project name, firmware version no.
and date of last software change. Note that the string is always NULL terminated. The
string begins with a unique lower case character that can be used to identify a particular
version of Micro RWD.
NOTE:
1) The serial communications uses hardware handshaking to inhibit the host from
sending the Micro RWD commands while Tag interrogation is in progress.
2) Following the Read Tag command, if an error flag has been set in the
Acknowledge code then there will be NO following data.
3) The serial communications system and protocol allows for a 10ms ‘window’
every Tag polling cycle indicated by the BUSY line being low. During this
‘window’ the host must assert the first start bit and start transmitting data. The
BUSY goes high again 10ms after the last stop bit is received.
4) Only one command sequence is handled at a time.
Program EEPROM
The Micro RWD has some internal EEPROM for storing system parameters such as
passwords and authorised identity codes. This command sequence allows individual
bytes of the EEPROM to be programmed with new data. Note that due to the
fundamental nature of these system parameters, incorrect data may render the system
temporarily inoperable.
B7
B0
Command:
0 1 0 1 0 0 0 0
(ASCII “P”, 0x50)
Argument1:
N N N N N N N N
(N = EEPROM memory location 0- 255)
Argument2:
D D D D D D D D
(D = data to write to EEPROM)
Acknowledge:
1 1 X F X X X F
(F = Status flags)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com