Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV5682P Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LV5682P
Description  For Car Audio Systems Multi-Power Supply System IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5682P Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LV5682P Datasheet HTML 1Page - Sanyo Semicon Device LV5682P Datasheet HTML 2Page - Sanyo Semicon Device LV5682P Datasheet HTML 3Page - Sanyo Semicon Device LV5682P Datasheet HTML 4Page - Sanyo Semicon Device LV5682P Datasheet HTML 5Page - Sanyo Semicon Device LV5682P Datasheet HTML 6Page - Sanyo Semicon Device LV5682P Datasheet HTML 7Page - Sanyo Semicon Device LV5682P Datasheet HTML 8Page - Sanyo Semicon Device LV5682P Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment. The products mentioned herein
shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system,
safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives
in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any
guarantee thereof. If you should intend to use our products for new introduction or other application different
from current conditions on the usage of automotive device, communication device, office equipment, industrial
equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the
intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely
responsible for the use.
50212 SY/N0211 SY 20111014-S00005/O2010 SY/92210 SY 20100903-S00001 No.A1833-1/15
LV5682P
Overview
The LV5682P is a multi-power supply system IC that provides four regulator outputs and two high side switches as well as
a number of protection functions including overcurrent protection and overheat protection. It is an optimal power supply
IC for car audio and car entertainment systems and similar products. It is possible to use it like the bus track etc. in the
vehicle whose voltage of the battery is 24V because there is a range of the power-supply voltage up to 32V.
Features
• Four regulator output systems
For microcontroller: 5.0V output voltage, 200mA maximum output current
For CD drive: 8.0V output voltage, 1300mA maximum output current
For illumination: 8 to 12V output voltage (output can be set with external resistors), 300mA maximum output current
For audio systems: 8 to 9V output voltage (output voltage can be set with external resistors), 300mA maximum
output current
• Two VCC-linked high side switch systems
EXT: 350mA maximum output current, 0.5V voltage difference between input and output.
ANT: 300mA maximum output current, 0.5V voltage difference between input and output.
• Two VDD 5V-linked high side switch systems
SW5V: 200mA maximum output current, 0.2V voltage difference between input and output.
ACC (accessory voltage detection output): 100mA maximum output current, 0.2V voltage difference between input
and output.
• Overcurrent protection function
• Overheat protection function, typ 175ºC
• On-chip accessory voltage detection circuit
• P-channel LDMOS used for power output block
(Warning) The protector functions only improve the IC’s tolerance and they do not guarantee the safety of the IC if used under the
conditions out of safety range or ratings. Use of the IC such as use under overcurrent protection range or thermal shutdown state may
degrade the IC’s reliability and eventually damage the IC.
Monolithic Linear IC
For Car Audio Systems
Multi-Power Supply System IC
Ordering number : ENA1833C


Similar Part No. - LV5682P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5682P SANYO-LV5682P Datasheet
264Kb / 15P
For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5682P ONSEMI-LV5682P Datasheet
203Kb / 15P
Multi-Power Supply System IC
July, 2013
LV5682P-E ONSEMI-LV5682P-E Datasheet
203Kb / 15P
Multi-Power Supply System IC
July, 2013
More results

Similar Description - LV5682P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5680P SANYO-LV5680P Datasheet
236Kb / 13P
For Car Audio Systems Multi-Power Supply System IC
LV5681P SANYO-LV5681P Datasheet
246Kb / 14P
For Car Audio Systems Multi-Power Supply System IC
LV5692P SANYO-LV5692P Datasheet
308Kb / 14P
For Car Audio Systems Multi-Power Supply System IC
LV5695P SANYO-LV5695P Datasheet
300Kb / 13P
For Car Audio Systems Multi-Power Supply System IC
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5693P-E ONSEMI-LV5693P-E Datasheet
273Kb / 15P
Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5692P-E ONSEMI-LV5692P-E Datasheet
266Kb / 14P
Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5681P ONSEMI-LV5681P Datasheet
219Kb / 14P
Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV56801P ONSEMI-LV56801P Datasheet
205Kb / 14P
Multi-Power Supply System IC for Car Audio Systems
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com