Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV5682P Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LV5682P
Description  For Car Audio Systems Multi-Power Supply System IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5682P Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LV5682P Datasheet HTML 1Page - Sanyo Semicon Device LV5682P Datasheet HTML 2Page - Sanyo Semicon Device LV5682P Datasheet HTML 3Page - Sanyo Semicon Device LV5682P Datasheet HTML 4Page - Sanyo Semicon Device LV5682P Datasheet HTML 5Page - Sanyo Semicon Device LV5682P Datasheet HTML 6Page - Sanyo Semicon Device LV5682P Datasheet HTML 7Page - Sanyo Semicon Device LV5682P Datasheet HTML 8Page - Sanyo Semicon Device LV5682P Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LV5682P
No.A1833-5/15
Block Diagram
Pin Function
Pin No.
Pin name
Description
Equivalent Circuit
1 to 4
N.C.
-
-
5
ILM
ILM output pin
ON when CTRL1 = M1, M2, H
12.0V/300mA
12
14
VCC
GND
5
6
6
ILM_F
ILM output voltage adjustment pin
Continued on next page.
+
+
-
21
12
C3
D2
EXT
out
+
20
C4
D4
D3
D1
300mA
350mA
+
5
6
C5
R1
C6
300mA
ILM_F
+
-
+
-
+
10
19
8
7
C7
R2
R3
C8
300mA
AUDIO_F
+
C9
C10
1300mA
16
15
14
11
+
-
17
Thermal
Shut Down
OUTPUT
Control
13
+
C11
C12
200mA
200mA
100mA
+
C1
+B
C2
VCC
GND
ACC
ANT
out
Start
up
Vref
Output Current Limit Circuit
+
-
CTRL2
(three-value control)
CTRL1
(four-value control)
ANT Remote (VCC-0.5V)
ILM output (8V to 12V)
AUDIO output (8V to 9V)
Remote EXT (VCC-0.5V)
CD output (8V)
VDD output (5.0V)
SW output (5V)
ACC output (5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com