Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV5682P Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV5682P
Description  For Car Audio Systems Multi-Power Supply System IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5682P Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV5682P Datasheet HTML 1Page - Sanyo Semicon Device LV5682P Datasheet HTML 2Page - Sanyo Semicon Device LV5682P Datasheet HTML 3Page - Sanyo Semicon Device LV5682P Datasheet HTML 4Page - Sanyo Semicon Device LV5682P Datasheet HTML 5Page - Sanyo Semicon Device LV5682P Datasheet HTML 6Page - Sanyo Semicon Device LV5682P Datasheet HTML 7Page - Sanyo Semicon Device LV5682P Datasheet HTML 8Page - Sanyo Semicon Device LV5682P Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LV5682P
No.A1833-2/15
Specifications
Absolute Maximum Ratings
at Ta = 25
°C
Parameter
Conditions
Conditions
Ratings
Unit
Supply voltage
VCC max
36
V
Allowable Power dissipation
Pd max
Independent IC
Ta
≤ 25°C
2.7
W
With an infinity heat sink
65
W
Peak supply voltage
VCC peak
Each output is a no load.
See below for the waveform applied.
50
V
Junction temperature
Tj max
150
°C
Operating ambient temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
Allowable Operating range
at Ta = 25
°C
Parameter
Conditions
Ratings
Unit
Operating supply voltage 1
VDD output, SW output and ACC output total current ≤ 0.5A
7.5 to 30
V
VDD output, SW output and ACC output total current ≤ 0.4A
7.5 to 32
V
Operating supply voltage 2
ILM output at 10V
12 to 32
V
ILM output at 8V
10 to 32
V
Operating supply voltage 3
Audio output at 9V
10 to 32
V
Operating supply voltage 4
CD output (CD output current
≤ 1.3A)
10.5 to 24
V
CD output (CD output current
≤ 0.7A)
10 to 32
V
* The area of safe operation of each output is shown in P13-15. Please perform a set design based on an area of safe operation.
Electrical Characteristics
at VCC = 24V, Ta = 25°C (*1)
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Current drain
ICC
VDD no load, CTRL1/2 = ⎡L/L⎦, ACC = 0V
400
800
μA
CTRL1 Input
Low input voltage
VIL1
0
0.5
V
M1 input voltage
VIM11
0.8
1.1
1.4
V
M2 input voltage
VIM21
1.9
2.2
2.5
V
High input voltage
VIH1
2.9
3.3
5.5
V
Input impedance
RIH1
350
500
650
k
Ω
CTRL2 Input
Low input voltage
VIL2
0
0.5
V
M input voltage
VIM2
1.1
1.65
2.1
V
High input voltage
VIH2
2.5
3.3
5.5
V
Input impedance
RIH2
350
500
650
k
Ω
VDD 5V Output *2
The VDD 5V output supplies the output currents of SW 5V and ACC 5V.
Output voltage 1
VO1
IO1 = 200mA, IO7, IO8 = 0A
4.75
5.0
5.25
V
Output voltage 2
VO1’
IO1 = 200mA, IO7 = 200mA, IO8 = 100mA
4.75
5.0
5.25
V
Output total current
Ito1
VO1 ≥ 4.75V, Ito1 = IO1+IO7+IO8
500
mA
Line regulation
ΔVOLN1
22V
< VCC < 32V, IO1 = 200mA *3
30
90
mV
Load regulation
ΔVOLD1
1mA
< IO1 < 200mA *3
70
150
mV
Dropout voltage 1
VDROP1
IO1 = 200mA *3
1.0
1.5
V
Dropout voltage 2
VDROP1’
IO1 = 100mA *3
0.7
1.05
V
Dropout voltage 3
VDROP1”
IO1+IO7+IO8 = 500mA
2.5
3.75
V
Ripple rejection
RREJ1
f = 120Hz, IO1 = 200mA *3
40
50
dB
*1: All the specifications are provided for by the test by the fact that Tj(=25
°C) is almost equal. To suppress the rise of Tj in the joint part temperature as much
as possible, it tests by the pulse loading.
*2 : The VDD 5V output also supplies the output currents of SW 5V and ACC 5V. Therefore, the current supply capability of the VDD 5V output and its other
electrical characteristics are affected by the output statuses of SW 5V and ACC 5V.
*3 : SW 5V and ACC 5V are not subject to a load.
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com