Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV5682P Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LV5682P
Description  For Car Audio Systems Multi-Power Supply System IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5682P Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LV5682P Datasheet HTML 1Page - Sanyo Semicon Device LV5682P Datasheet HTML 2Page - Sanyo Semicon Device LV5682P Datasheet HTML 3Page - Sanyo Semicon Device LV5682P Datasheet HTML 4Page - Sanyo Semicon Device LV5682P Datasheet HTML 5Page - Sanyo Semicon Device LV5682P Datasheet HTML 6Page - Sanyo Semicon Device LV5682P Datasheet HTML 7Page - Sanyo Semicon Device LV5682P Datasheet HTML 8Page - Sanyo Semicon Device LV5682P Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
LV5682P
No.A1833-4/15
Package Dimensions
unit : mm (typ)
3236A
• Allowable power dissipation derating curve
• Waveform applied during surge test
100msec
5msec
16V
50V
10%
90%
SANYO : HZIP25
2.0
29.2
25.6
(22.8)
(2.6)
(1.0)
0.52
(R1.7)
0.4
4.5
4.2
4.0
(8.5)
( 2.5)
125
2.0
Pd max -- Ta
0
70
20
10
40
30
50
60
0
80
120
40
160
-40
11.4
20.8
Ambient temperature, Ta -
T
T
-
--
C
Ambient temperature, Ta -- C
10 C /W heat sink
5 C /W heat sink
Infinite heat rediation
Heat sink mounting condition
tightening torque:39N-cm,
using silicone grease



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com