Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2507 Datasheet(PDF) 8 Page - ams AG

Part # AS2507
Description  SINGLE CHIP 2-WIRE INTERCOM CMOS INTEGRATED CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2507 Datasheet(HTML) 8 Page - ams AG

  AS2507 Datasheet HTML 1Page - ams AG AS2507 Datasheet HTML 2Page - ams AG AS2507 Datasheet HTML 3Page - ams AG AS2507 Datasheet HTML 4Page - ams AG AS2507 Datasheet HTML 5Page - ams AG AS2507 Datasheet HTML 6Page - ams AG AS2507 Datasheet HTML 7Page - ams AG AS2507 Datasheet HTML 8Page - ams AG AS2507 Datasheet HTML 9Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Preliminary Data Sheet
AS2507
8/9
July 1998
Packaging
The device is available in the packages outlined below (not to scale). For exact mechanical package
dimensions please see AMSAG packaging information.
14-pin plastic DIP (suffix P)
Max. Body Length
20.19mm / 795mil
Max. Body Width
7.11mm / 280mil
Pitch
2.54mm / 100mil
16-pin plastic SOICw (suffix T)
Max. Body Length
10.5mm / 414mil
Max. Body Width
7.6mm / 300mil
Pitch
1.27mm / 50mil
Pin-out
DIP14 (suffix P)
1– TE
VDD –14
2– RI
TxD– 13
3– TO
OSC2 – 12
4 – RO
OSC1 – 11
5– PD
RxD– 10
6– M1
VSS –9
7– M2
AGND –8
SO16w (suffix T)
1– TE
VDD –16
2– RI
VDD –15
3 – TO
TxD – 14
4 – RO
OSC2 – 13
5– PD
OSC1 – 12
6 – M1
RxD – 11
7– M2
VSS –10
8– AGND
VSS –9
Marking
YYWWAAA
AS2507
Austria
YY
year of production
WW
calendar week of production
AAA
AMSAG assembly ID



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com