Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2507 Datasheet(PDF) 3 Page - ams AG

Part # AS2507
Description  SINGLE CHIP 2-WIRE INTERCOM CMOS INTEGRATED CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2507 Datasheet(HTML) 3 Page - ams AG

  AS2507 Datasheet HTML 1Page - ams AG AS2507 Datasheet HTML 2Page - ams AG AS2507 Datasheet HTML 3Page - ams AG AS2507 Datasheet HTML 4Page - ams AG AS2507 Datasheet HTML 5Page - ams AG AS2507 Datasheet HTML 6Page - ams AG AS2507 Datasheet HTML 7Page - ams AG AS2507 Datasheet HTML 8Page - ams AG AS2507 Datasheet HTML 9Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Preliminary Data Sheet
AS2507
3/9
July 1998
Functional Description
The AS2507 is a CMOS integrated circuit that
incorporates a speech circuit and a FSK
modem. It is intended to be used as line-
powered interface on a 2-wire intercom bus.
Standby Condition
During standby operation (PD=High) only the
FSK demodulator is active to provide the
companion microcontroller with all signalling
information on the 2-wire bus. The low power
consumption (typical 2mA) and a high input
and output impedance in standby mode allow
the parallel operation of many terminals on
each bus pair.
2/4-Wire Conversion
The
AS2507
has
a
built-in
side
tone
cancellation circuit. The transmit signal is
attenuated by 6 dB over the 600
Ω resistor (ac
impedance) and subtracted from the receive
signal
at
the
receive
input
(RI).
This
configuration
allows
the
selection
of
the
required ac impedance and yet maintaining a
good side tone cancellation.
AC Impedance
The ac impedance is determined by an
external resistor at the TO output (typical
600
Ω).
Transmit Path
The gain of the transmit path from the
microphone inputs (M1/M2) to the transmit
output (TO) is set to 32 dB. The soft clip level
is set to 0.5VPEAK at TO. In standby the output
impedance is 60k
Ω.
Receive Path
The gain of the receive path from the receive
input (RI) to the receive output (RO) is set to
-6dB. The receive input is internally biased to
AGND with a 500k
Ω resistor.
FSK Modulator
Two signalling modes are provided, namely
FSK and burst mode. The signalling mode and
the
signalling
can
be
controlled
by
a
microcontroller using the TE and TXD inputs
as follows:
TE
TXD
MODE
0
0
IDLE, no transmission
0
1
TEST, for testing only
1
0
SPACE ("0") 18.645 kHz
1
1
MARK ("1") 22.375 kHz
FSK Demodulator
Also the demodulator provides two modes for
detection as follows:
Signal on line
RXD
IDLE, no transmission
1
SPACE ("0") 18.645 kHz
0
MARK ("1") 22.375 kHz
1
The demodulator consists out of a bandpass
filter to attenuate interfering speech signals
and a period counter. The RxD output is
updated after each valid period or a counter
overflow.
Transmission Protocol
In order to assure a safe data transmission,
data framing is recommended. Each frame
should consist out of a preamble (e.g. FFhex),
a
header
(e.g.
AAhex),
data
bytes
and
checksum.
Independence of bus polarity
Centrally supplied terminals can be connected
to the 2-wire bus independent from polarity. In
this case a rectifier bridge, known from
telephony, is recommended since the DC-
supply current will bias the diodes.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com