Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2507 Datasheet(PDF) 5 Page - ams AG

Part # AS2507
Description  SINGLE CHIP 2-WIRE INTERCOM CMOS INTEGRATED CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2507 Datasheet(HTML) 5 Page - ams AG

  AS2507 Datasheet HTML 1Page - ams AG AS2507 Datasheet HTML 2Page - ams AG AS2507 Datasheet HTML 3Page - ams AG AS2507 Datasheet HTML 4Page - ams AG AS2507 Datasheet HTML 5Page - ams AG AS2507 Datasheet HTML 6Page - ams AG AS2507 Datasheet HTML 7Page - ams AG AS2507 Datasheet HTML 8Page - ams AG AS2507 Datasheet HTML 9Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Preliminary Data Sheet
AS2507
5/9
July 1998
Electrical characteristics
Electrical charateristics are measured with the Test Circuit application. Typical mean values will not be
tested.
Absolute maximum ratings
Positive Supply Voltage
-0.3V <= VDD <= 7V
Input Current
± 25mA
Analogue Input Voltage
-0.3V <= Vin <= VDD+0.3V
Digital Input Voltage
-0.3V <= Vin <= VDD+0.3V
Electrostatic Discharge (HBM 1.5k
Ω-100pF)
± 1000V
Storage Temperature
-65°C to +125°C
Recommended operating conditions
Supply Voltage (VDD)5V ±10%
Oscillator Frequency
3.58 MHz
Operating Temperature
-10°C to +60°C
DC characteristics
VDD=5V, f=1kHz, unless other specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDDS
Supply Current
Standby Mode
PD=High, VDD=2.5V
23
mA
IDDO
Supply Current
Operating Mode
PD=Low, VDD=2.5V
56
mA
VIL
Digital Input Voltage LOW
VSS
0.1 VDD
V
VIH
Digital Input Voltage HIGH
0.9 VDD
VDD
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com