Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2507 Datasheet(PDF) 6 Page - ams AG

Part # AS2507
Description  SINGLE CHIP 2-WIRE INTERCOM CMOS INTEGRATED CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2507 Datasheet(HTML) 6 Page - ams AG

  AS2507 Datasheet HTML 1Page - ams AG AS2507 Datasheet HTML 2Page - ams AG AS2507 Datasheet HTML 3Page - ams AG AS2507 Datasheet HTML 4Page - ams AG AS2507 Datasheet HTML 5Page - ams AG AS2507 Datasheet HTML 6Page - ams AG AS2507 Datasheet HTML 7Page - ams AG AS2507 Datasheet HTML 8Page - ams AG AS2507 Datasheet HTML 9Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Preliminary Data Sheet
AS2507
6/9
July 1998
Transmit characteristics
VDD=5V, f=1kHz, unless other specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ATX
Transmit Gain
M1/M2 —> TO
VTO=0.25VRMS
+30.0
+32.0
+34.0
dB
THD
Distortion
VTO=0.25VRMS
2%
VNO
Noise Output Voltage
TO
TAMP=25°C
-60
dBmp
VAGC1
Soft Clip Level
M1/M2 —> TO at TO
0.5
VP
Zout-TO
Output Impedance with
PD=High at TO
PD=High
TAMP=25°C
60
k
Ω
Receive characteristics
VDD=5V, f=1kHz, unless other specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ARX
Receive Gain
RI —> RO
VRI=0.25VRMS
-8.0
-6.0
-4.0
dB
THD
Distortion
VRI=0.25VRMS
2%
VNO
Noise Output Voltage
RO
TAMP=25°C
-60
dBmp
ST
Sidetone
VRI=0.25VRMS
24
dB
ZIn-RI
Input Impedance
RI
500
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com