Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2525 Datasheet(PDF) 12 Page - ams AG

Part # AS2525
Description  Single-Chip Handsfree Phone CMOS Integrated Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2525 Datasheet(HTML) 12 Page - ams AG

Back Button AS2525 Datasheet HTML 8Page - ams AG AS2525 Datasheet HTML 9Page - ams AG AS2525 Datasheet HTML 10Page - ams AG AS2525 Datasheet HTML 11Page - ams AG AS2525 Datasheet HTML 12Page - ams AG AS2525 Datasheet HTML 13Page - ams AG AS2525 Datasheet HTML 14Page - ams AG AS2525 Datasheet HTML 15Page - ams AG AS2525 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Preliminary
AS2525
Rev. 1.3
Page 12
May 1999
Table 18: Handsfree attenuation scheme
Speech
Mode
RX-gain
TX-gain
Remark
RX > TX_atten
X
Receive
0 dB to -20 dB
-50 dB to -30 dB
adjustable with [V+]/[V-] keys in 8
steps
TX_atten > RX
No
Idle
-25 dB
-25 dB
middle position
TX_atten > RX
Yes
Transmit
-50 dB
0 dB
independent of [V+]/[V-] keys
-50dB
-25dB
0dB
TX-mode
RX-mode
IDLE-mode
Vol min
Vol default
Vol max
TX-gain
RX-gain
-10dB
-20dB
-40dB
-30dB
Figure 11: Gain transition of voice switching
Loudhearing
A loudhearing mode can be enabled/disabled through
the set-up programming.
Table 19: Loudhearing mode selection
[PG] + [0] + (Password) + [#] + [7] + (digit) + [PG]
Digit
Loudhearing
[0]
Enabled (LH + HF provided)
[1]
Disabled (only HF is provided)
Headset mode
Head set mode is selected by connecting pin "HEAD"
to V
DD and enabling the head function by service code
programming (see also Table 3: Parameter settings).
Table 20: Headset Tx gain setting
[PG] + [0] + (Password) + [0] + [7] + (x) + [PG]
Key
(x)
Tx Gain (dB)
M1/2 to LS
Key
(x)
Tx Gain (dB)
M1/2 to LS
[0]
30
[8]
38
[1]
31
[9]
39
[2]
32
[M1]
40
[3]
33
[M2]
41
[4]
34
[M3]
42
[5]
35
[M4]
43
[6]
36
[M5]
44
[7]
37
[M6]
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com