Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2525 Datasheet(PDF) 21 Page - ams AG

Part # AS2525
Description  Single-Chip Handsfree Phone CMOS Integrated Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2525 Datasheet(HTML) 21 Page - ams AG

Back Button AS2525 Datasheet HTML 17Page - ams AG AS2525 Datasheet HTML 18Page - ams AG AS2525 Datasheet HTML 19Page - ams AG AS2525 Datasheet HTML 20Page - ams AG AS2525 Datasheet HTML 21Page - ams AG AS2525 Datasheet HTML 22Page - ams AG AS2525 Datasheet HTML 23Page - ams AG AS2525 Datasheet HTML 24Page - ams AG AS2525 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Preliminary
AS2525
Rev. 1.3
Page 21
May 1999
DTMF
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
DF
Frequency Deviation
Deviation of ceramic resonator is
not included
1.2
%
V
MF
MF Tone Level at LS
(Low Group)
Default
-4.5
-5.5
-6.5
dBm
V
MF-RANGE
MF Tone Level Range at
LS (Low Group)
13 steps
-18/-6
dBm
∆V
L_H
Pre-emphasis, Low to
High
2.0
2.6
3.2
dBr
V
UFC
Unwanted Frequency
Components
300 Hz....4.3 kHz
4.3 kHz…7 kHz
7 kHz....10 kHz
10 kHz…14 kHz
14 kHz....28.5 kHz
28.5 kHz....40 kHz
- 40
-46
- 52
-58
- 70
- 80
dBm
dBm
dBm
dBm
dBm
dBm
t
TD
Tone Duration, Minimum
Default
80
82.3
85
ms
t
ITP
Inter Tone Pause, Min.
Default
80
82.3
85
ms
t
TR
t
TR
Tone Rise Time
Tone Fall Time
From 10% to 90% amplitude
From 90% to 10% amplitude
5
5
ms
ms
V
CT
Comfort Tone Level, RO
Relative to LS, 4 steps
- 36
-18
dBr
LD Dialling
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
t
DR
Dialling Rate
Default
Option
9.53
10
20
10.5
pps
pps
t
/B
Break Period
Default
Option
Option
57
61.2
66
33
63
ms
ms
ms
t
M/
Make Period
Default
Option
Option
38
40.8
33
16.5
42
ms
ms
ms
t
PDP
Pre-Digit Pause
35
ms
t
IDP
Inter-Digit Pause
800
880
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com