Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2525 Datasheet(PDF) 18 Page - ams AG

Part # AS2525
Description  Single-Chip Handsfree Phone CMOS Integrated Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2525 Datasheet(HTML) 18 Page - ams AG

Back Button AS2525 Datasheet HTML 14Page - ams AG AS2525 Datasheet HTML 15Page - ams AG AS2525 Datasheet HTML 16Page - ams AG AS2525 Datasheet HTML 17Page - ams AG AS2525 Datasheet HTML 18Page - ams AG AS2525 Datasheet HTML 19Page - ams AG AS2525 Datasheet HTML 20Page - ams AG AS2525 Datasheet HTML 21Page - ams AG AS2525 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Preliminary
AS2525
Rev. 1.3
Page 18
May 1999
Electrical Characteristics
Absolute Maximum Ratings*
Supply Voltage............................................................................................................................... -0.3
≤ V
DD
≤ 7V
Input Current..........................................................................................................................................+/- 25 mA
Input Voltage (LS) ....................................................................................................................... -0.3V
≤ V
IN
≤ 12V
Input Voltage (LI, CS)................................................................................................................... -0.3V
≤ V
IN
≤ 8V
Input Voltage (STB, RI) .........................................................................................................-2V
≤ V
IN
≤ V
DD +0.3V
Digital Input Voltage ..........................................................................................................-0.3V
≤ V
IN
≤ V
DD
+ 0.3V
Electrostatic Discharge...........................................................................................................................+/- 1000V
Storage Temperature Range........................................................................................................... -65 to +125°C
Total Power Dissipation ............................................................................................................................ 500mW
*Exceeding these figures may cause permanent damage. Functional operation under these conditions is not permitted.
Recommended Operating Range
Symbol
Parameter
Conditions
Min.
Typ.*
Max.
Units
V
DD
Supply Voltage (internally generated)
Speech mode
3.0
5.0
V
T
AMB
Ambient Operating Temp. Range
-25
+70
°C
f
OSC
Oscillator Frequency
Resonator: Murata CSA
3.58M G312AM
3.58
MHz
* Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing.
DC Characteristics
(I
LINE = 15 mA, recommended operating conditions unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
I
DD
Operating Supply Current
Speech mode
Handsfree mode
LD dialling, V
DD = 2.5V
Ring mode, V
DD = 2.5V
4
11
200
300
6
13
mA
mA
µA
µA
I
DD-EXT
Available Supply Current
for Peripheral Circuits
Speech mode or MF dialling
2
mA
I
DD0
Idle Current
Idle mode, V
DD = 2 V, TAMB = 25°C
2
µA
V
LI
Line Voltage, LIVolt = 0
Line Voltage, LIVolt = 1
13 mA< I
LINE < 100 mA
3.2
4.2
3.5
4.5
3.8
4.8
V
V
I
OL
Output Current, Sink
Pin CS, SS
V
OL = 0.4V
1
mA
V
IL
Input Low Voltage
T
AMB = 25°C
V
SS
0.3 V
DD
V
V
IH
Input High Voltage
T
AMB = 25°C
0.7 V
DD
V
DD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com