Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2525 Datasheet(PDF) 15 Page - ams AG

Part # AS2525
Description  Single-Chip Handsfree Phone CMOS Integrated Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2525 Datasheet(HTML) 15 Page - ams AG

Back Button AS2525 Datasheet HTML 11Page - ams AG AS2525 Datasheet HTML 12Page - ams AG AS2525 Datasheet HTML 13Page - ams AG AS2525 Datasheet HTML 14Page - ams AG AS2525 Datasheet HTML 15Page - ams AG AS2525 Datasheet HTML 16Page - ams AG AS2525 Datasheet HTML 17Page - ams AG AS2525 Datasheet HTML 18Page - ams AG AS2525 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Preliminary
AS2525
Rev. 1.3
Page 15
May 1999
Dial Mode Selection
The default signalling mode (LD or MF) is selectable
through following procedure:
1. Press [PG] to enter programme mode
2. Press [3] to enter dial select mode
3. Press [0] for LD and [1] for MF
4. Press [PG] (= store and exit) or go on-
hook to abort
When default LD mode is selected, a temporary
change to MF can be invoked by pressing the [
∗]
∗]
key. Temporary MF select with tone on first key
pressure can be selected as option (see also Table
3: Parameter settings). The circuit will revert to LD by
pressing the [FL] key or by next on-hook.
Re-Dialling (Last Number Redial)
Re-dialling is a facility that allows re-signalling of the
last dialled number without keying in all the digits
again. Numbers dialled out from any memory will
also be stored in the LNR memory. The re-dialling
works in following manner:
• Any digit (including Flash, Pause, and MF select)
being dialled is storable in the LNR memory up to
a total of 31 digits.
• If more than 31 digits are entered, re-dialling will
be inhibited.
• Pressing the [R/P] key as first entry after off-hook
(LNR cursor at first digit) will invoke dialling the
content of the LNR memory.
• If the [R/P] key is pressed after entering one or
more digits, the key will function as a pause key
and each pressure will insert a pause.
Pauses can also be inserted by pressing the [R/P]
key in programme mode.
Flash Function
A flash, [FL] key, activation will invoke a timed loop
break. The flash duration can be programmed
through set-up (see Figure 5: Keys for HEX-code
entry and Table 4: Timing selection by HEX code):
Table 22: Flash duration setting
[PG] + [0] + (Password) + [
∗] + (digit) + (HEX) + [PG]
Digit
Timing
Flash Duration
[4]
HEX code
Flash 1
[5]
HEX code
Flash 2
One of two pre-programmed can be selected as
follows:
1. Press [PG] to enter programme mode
2. Press [2] to enter flash select mode
3. Press [0] for duration 1 and [1] for
duration 2
4. Press [PG] (= store and exit) or go on-
hook to abort
A flash entered will be stored in the LNR memory
together with entered digits. After a recall a 270 ms
pause will automatically be executed.
Pauses
Pauses can be inserted if the [R/P] key is pressed
after entering one or more digits. Also during
programming, pauses can be inserted by pressing
the [R/P] key. Default pause duration is 1 second
(P1) and an alternative pause of 3 second (P2) can
be selected. These pauses can be changed through
the set-up programming (see Table 3: Parameter
settings)
Memory Keys
The keys [M1] to [M8] are direct memory access
keys, [SH] key is used to access second level of
direct memories, and the [MR) key is used for key-
code dialling. Up to 26 numbers can be stored in the
on-chip RAM. Each number can contain up to 21
digits (including pauses).
During programming multiple pauses can be inserted
by pressing the [RD] key.
Example (45678P123 is stored in M1, where P is a
pause and 123 the extension number):
1. Off-hook, wait for dial tone
2. Press [M1]
• 45678 is dialled out
• Dialling halts (pauses)
• Dialling is resumed, 123 is dialled out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com