Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2578 Datasheet(PDF) 1 Page - ams AG

Part # AS2578
Description  TELEPHONE CONTROLLER WITH 13 MEMORIES AND 2-WIRE BUS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2578 Datasheet(HTML) 1 Page - ams AG

  AS2578 Datasheet HTML 1Page - ams AG AS2578 Datasheet HTML 2Page - ams AG AS2578 Datasheet HTML 3Page - ams AG AS2578 Datasheet HTML 4Page - ams AG AS2578 Datasheet HTML 5Page - ams AG AS2578 Datasheet HTML 6Page - ams AG AS2578 Datasheet HTML 7Page - ams AG AS2578 Datasheet HTML 8Page - ams AG AS2578 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Data Sheet
Rev. 3
1
AS2578 /B
March 1997
TELEPHONE CONTROLLER WITH
13 MEMORIES AND 2-WIRE BUS
Key Features
u Low operating voltage
u Low current consumption, standby
≤ 0.1 µA
u Oscillator using Xtal or ceramic resonator (3.58MHz)
u Serial interface to external EEPROM
u Consistent, simple and usable procedures
u The settings are programmed via the keyboard and
stored in EEPROM or set by pin options
Dialler:
u Data protection with 20 digit FIFO
u Sliding cursor protocol with comparison
u Automatic pause generation
u Temporary MF select via keyboard
u 30 digit LNR (Last Number Redial)
u 13 x 20 digit memory (RAM) on chip
Tone Ringer:
u Ring frequency discrimination
u 3 tone melody with 4 different repetition rates
u Volume of melodies can be set in 4 steps
BlockDiagramme
General Description
The AS2578 /B are a versatile repertory LD/MF diallers
with a melody generator, a ring frequency discriminator
and a 2-wire interface to EEPROM. Together with the
AS2520/1, the AS2578 /B form a coherent basis for a
fully electronic telephone with a wide range of options.
The AS2578 /B are especially designed to adapt to
different PTT specifications. A RAM is on chip for last
number redial, 3 direct dial and 10 numbers with
abbreviated dialling. To allow easy use under a PABX,
the device incorporates automatic pause insertion and
sliding cursor procedure as selectable options (AS2578)
or centrex keys (AS2578B). The device can be used with
or without EEPROM as appropriate. When an EEPROM
is connected, all RAM content is stored in the EEPROM
by power loss.
The circuit provides the possibility to set different modes
of operation (LM codes) via the keyboard or via pin
options, e.g. default signalling mode, automatic pause
insertion, flash or ground loop and settings of volume
and melodies.
Austria Mikro Systeme International
KEYSCAN
HOOK
STATE
CONTROL
DIAL
DTMF
MELODY
SERIAL
INTERFACE
RING
FREQUENCY
DETECTOR
POR
OSCILLATOR
REDIAL
13 X 20
1 X 30
RAM
FIFO
*
0
8
7
#
9
2
5
4
1
3
6
R
MUTE
SET
LNR
3.58 MHz
DP
GL
MUTE
SCL
SDA
FCI
MF
MO
MASK
HS
CE
MODE
AP (AS2578 only)
MV
RR
AS2578 /B
Vss VDD
MEM
M1
M2
M3
D
C
B
A
(AS2578B)
Package
Available in 28 pin DIP and PLCC.
®


Similar Part No. - AS2578

ManufacturerPart #DatasheetDescription
logo
ams AG
AS2574B AMSCO-AS2574B Datasheet
191Kb / 24P
20 NUMBER ONE TOUCH DIALLER WITH SERIAL BUS FOR DISPLAY DRIVER
AS2574BN AMSCO-AS2574BN Datasheet
191Kb / 24P
20 NUMBER ONE TOUCH DIALLER WITH SERIAL BUS FOR DISPLAY DRIVER
AS2574BP AMSCO-AS2574BP Datasheet
191Kb / 24P
20 NUMBER ONE TOUCH DIALLER WITH SERIAL BUS FOR DISPLAY DRIVER
More results

Similar Description - AS2578

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U3761MB TEMIC-U3761MB Datasheet
407Kb / 23P
Low Voltage Standard Telephone Circuit with 13 Memories
logo
List of Unclassifed Man...
XE0204 ETC-XE0204 Datasheet
39Kb / 8P
2-Wire/4-Wire Telephone Line Interface
logo
UMC Corporation
UM9310 UMC-UM9310 Datasheet
918Kb / 14P
Cordless Telephone Controller
logo
Linear Technology
LTC4303 LINER-LTC4303 Datasheet
549Kb / 12P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4304 LINER-LTC4304 Datasheet
644Kb / 16P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4305 LINER-LTC4305 Datasheet
250Kb / 20P
2-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4305CDHD LINER-LTC4305CDHD Datasheet
213Kb / 20P
2-Channel, 2-Wire Bus Multiplexer with
LTC4303 LINER-LTC4303_15 Datasheet
555Kb / 12P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4304 LINER-LTC4304_15 Datasheet
650Kb / 16P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4305 LINER-LTC4305_15 Datasheet
256Kb / 20P
2-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com