Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2578 Datasheet(PDF) 3 Page - ams AG

Part # AS2578
Description  TELEPHONE CONTROLLER WITH 13 MEMORIES AND 2-WIRE BUS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2578 Datasheet(HTML) 3 Page - ams AG

  AS2578 Datasheet HTML 1Page - ams AG AS2578 Datasheet HTML 2Page - ams AG AS2578 Datasheet HTML 3Page - ams AG AS2578 Datasheet HTML 4Page - ams AG AS2578 Datasheet HTML 5Page - ams AG AS2578 Datasheet HTML 6Page - ams AG AS2578 Datasheet HTML 7Page - ams AG AS2578 Datasheet HTML 8Page - ams AG AS2578 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Data Sheet
Rev. 3
3
AS2578 /B
March 1997
PinDescriptioncont´d
Pin #
Symbol
Function
18
DPN
Dial Pulse Output
This is the push-pull output for controlling the hook-switch transistor. It is low during on-
hook and break periods and high during off-hook (see timing diagrammes).
19
GL
GroundLoopOutput
This push-pull output is high during ground loop
20
VDD
PositivePowerSupply
21
R4
KeyboardRows
22
R3
23
R2
24
R1
25
C5
Keyboard Column (AS2578)
This column is for the memory keys
C6
Keyboard Column (AS2578B)
This column is for centrex keys (A - D keys). Automatic pause insertion and Temporary
MF select 1 are fixed enabled (AP open)
26
AP
Access Pause Select Input (AS2578)
This input is used to select the automatic access pause insertion or sliding cursor (no
centrex keys):
AP pin
Function
High
Sliding cursor enabled
Temporary MF select 2
Open
Automatic pause insertion enabled
Temporary MF select 1
Low
Sliding cursor and pause disabled
Temporary MF select 1
C5
Keyboard Column (AS2578B)
This column is for the memory keys
27
MV
Melody Volume Select Input
This input is used to select the volume of the melodies in 4 steps by connecting the MV
pin to row 1, 2, or 3. Leaving the pin open is the default setting (max. volume).
28
RR
Repetition Rate Select Input
This input is used to select the repetition rate of the melodies. 4 different rates can be
selected by either leaving the pin open (default) or connecting it to column 1, 2, or 3.
Power On Reset
The on chip power on reset circuit monitors the supply
voltage (V
DD). As long as VDD remains below the internal
reference voltage, Vref (typically 1.1V), the oscillator is
inhibited. When V
DD rises above Vref (tRISE = 1 µs/V to 50
ms/V), a reset signal is generated to assure correct start-
up.
Initial Setup
A low to high transition on the CE input will initiate an
automatic setup, i.e. the pin options are scanned and
(when an EEPROM is connected) the stored LM codes
and melody settings are read from the EEPROM. This is
done independently of the hook state (see timing
diagrammes).
Note: "Open" means
≥ 100 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com