Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2578 Datasheet(PDF) 7 Page - ams AG

Part # AS2578
Description  TELEPHONE CONTROLLER WITH 13 MEMORIES AND 2-WIRE BUS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2578 Datasheet(HTML) 7 Page - ams AG

Back Button AS2578 Datasheet HTML 3Page - ams AG AS2578 Datasheet HTML 4Page - ams AG AS2578 Datasheet HTML 5Page - ams AG AS2578 Datasheet HTML 6Page - ams AG AS2578 Datasheet HTML 7Page - ams AG AS2578 Datasheet HTML 8Page - ams AG AS2578 Datasheet HTML 9Page - ams AG AS2578 Datasheet HTML 10Page - ams AG AS2578 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Data Sheet
Rev. 3
7
AS2578 /B
March 1997
LM Codes and Pin Options
LM code
Pinoption
Function
02-2*
AP = L
Automatic pause insertion: off
Sliding cursor: off
MF select 1
02-3
AP = Hi-Z
Automatic pause insertion: on
Sliding cursor: off
MF select 1
-
AP = H
Automatic pause insertion: off
Sliding cursor: on
MF select 2
033*
MODE = L
LD mode 40/60
GL
033*
MODE = H
LD mode 33/66
GL
036
-
MF mode
GL
037
-
MF mode
Flash
-
MODE = Hi-Z
MF mode
GL + Flash
250
-
Resets all user settings to default and clears all RAM contents
258
-
Clears all RAM contents
5 - 4*
MV = Hi-Z
Melody volume:
0 dB
5 - 3
MV = R3
Melody volume:
- 5.5 dB
5 - 2
MV = R2
Melody volume:
- 11.5 dB
5 -1
MV = R1
Melody volume:
- 17.5 dB
6 - 1
RR = Hi-Z
Repetition rate:
1 time
(50 ms pause)
6 - 2*
RR = C1
Repetition rate:
4 times
6 - 3
RR = C2
Repetition rate:
7 times
6 - 4
RR = C3
Repetition rate:
10 times
Note 1: Programming an LM code overwrites pin options, however, LM code 033 can only be selected when the MODE
pin is connected to either high or low for selecting the make/break ratio. Not valid LM codes are ignored. LM
codes with a '*' are default settings.
Note 2: When the AP pin is pulled low during execution of a pause, the pause will be terminated.
Note 3: AP pin option not available on AS2578B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com