Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2578 Datasheet(PDF) 6 Page - ams AG

Part # AS2578
Description  TELEPHONE CONTROLLER WITH 13 MEMORIES AND 2-WIRE BUS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2578 Datasheet(HTML) 6 Page - ams AG

Back Button AS2578 Datasheet HTML 2Page - ams AG AS2578 Datasheet HTML 3Page - ams AG AS2578 Datasheet HTML 4Page - ams AG AS2578 Datasheet HTML 5Page - ams AG AS2578 Datasheet HTML 6Page - ams AG AS2578 Datasheet HTML 7Page - ams AG AS2578 Datasheet HTML 8Page - ams AG AS2578 Datasheet HTML 9Page - ams AG AS2578 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Data Sheet
Rev. 3
6
AS2578 /B
March 1997
data transmission and await the stop condition to return
to the standby power mode.
data
change
data
stable
SDA
SCL
Figure 1 Data Validity
start
bit
stop
bit
SDA
SCL
Figure 2 Definition of Start and Stop
SCL from
master
Data out
from Tx
Data out
from Rx
1
8
9
start
acknowledge
Figure 3 Acknowledge Response From Receiver
FrequencyComparator
The frequency comparator monitors that the ring signal
is in the limits as shown in figure 4.
Tone Generator
The tone generator incorporates the DTMF tones and 3
basic frequencies for the tone ringer.
DTMF
The DTMF generator provides 8 frequencies, namely:
Low group
Row 1
697 Hz
Row 2
770 Hz
Row 3
852 Hz
Row 4
941 Hz
High group
Col. 1
1209 Hz
Col. 2
1336 Hz
Col. 3
1477 Hz
Col. 6
1633 Hz
(AS2578B only)
The MF tones are in accordance with CEPT
recommendations.
Tone Ringer (Melody)
The three basic frequencies of the melodies are:
F1 = 800 Hz, F2 = 1067 Hz, and F3 = 1333 Hz (
± 5%).
The repetition rate can be set via key procedures or by
pin options as follows:
LM code
Repetition rate
1
1 time
(50 ms pause)
2 (default)
4 times
3
7 times
4
10 times
Repetition rate means that a sequence of 6 frequencies
is repeated 1 to 10 times within 1 sec. For LM code 1 a
pause of 50 ms is inserted between the frequencies to
allow a better recognition of the melodies.
The sequence of the frequencies is controlled by the
sequence register as follows:
Sequence
F1 F2 F3 F1 F2 F3 …
The volume of the melodies (MO output) can be set as
follows:
LM code
Volume
Steps
1
- 17.5 dB
2
- 11.5 dB
6 dB
3
- 5.5 dB
6 dB
4
(default)
0 dB
5.5 dB
When a continious valid ring signal is present for 80 ms,
the melody generator is activated and remains active
until two or more periods of the ring signal are missing.
Ring
frequency
20
30
40
50
60
(Hz)
MUST
DETECT
Tol.
70
Figure 4 Detection Window of Ringing Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com