Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2701 Datasheet(PDF) 8 Page - ams AG

Part # AS2701
Description  AS-Interface Slave IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2701 Datasheet(HTML) 8 Page - ams AG

Back Button AS2701 Datasheet HTML 4Page - ams AG AS2701 Datasheet HTML 5Page - ams AG AS2701 Datasheet HTML 6Page - ams AG AS2701 Datasheet HTML 7Page - ams AG AS2701 Datasheet HTML 8Page - ams AG AS2701 Datasheet HTML 9Page - ams AG AS2701 Datasheet HTML 10Page - ams AG AS2701 Datasheet HTML 11Page - ams AG AS2701 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AS-Interface Slave IC
AS2701A (ISA3+)
Rev. C, October 2000
Page 8 of 16
Symbol
Parameter
min
max
Unit
Note
VIL
Input Voltage “Low”
0
1.5
V
VIH
Input Voltage “High”
3.5
VUOUT
V
VHYST
Input Hysteresis
0.25
0.5
V
1
VOL11
Output Voltage
0
1
V
IOL11 = 10mA
D0… D3, DSTBn
VOL12
Output Voltage
0
1
V
IOL12 = 6mA
P0… P3, PSTBn
VOL2
Output Voltage
0
0.4
IOL2 = 2mA
IIL
Input Current
-20
-5
µA
VIL = 1V, Output “off”
IIH
Input Current
-10
10
µA
VU5R
≤VIH ≤40V
Output “off”
CDL
Loading Capacitance
on DSTBn
10
pF
2
Notes:
1 Switching points approx. 2.5 V, i.e. 2.5 V
±VHYST
2 For larger capacitive loads an external Pull-Up-Resistor to UOUT must be used, so that
the beginning of the DSTB = LOW impulse of VIH
≤3.5 V to DSTBn is reached in less than
35 µs, otherwise a reset is the result.
Timing characteristics
Symbol
Parameter
min
max
Unit
Note
t DSTBL
DSTBn to D0… D3, Direction OUT,
Output Data LOW
1
µs
t DSTBH
DSTBn to D0… D3, Direction OUT,
Output Data HIGH
1.5
µs
t DATA
DSTBn to D0… D3, High Resistive
6.2
7
µs
1
t DSTB
DSTBn Pulse Width
6
6.8
µs
t DINon
DSTBn to D0… D3, Direction IN, Valid
Input Data
6.5
7.7
µs
t DINoff
DSTBn to D0… D3, End of Direction IN
12.5
t CYCLE
µs
t CYCLE
Next Cycle
150
µs
t ALM1
Extension DSTBn to D0… D3, High
Resistive
44
µs
t ALM2
Extension DSTBn (No Reset)
35
µs
Note 1: Data valid until DSTBn L/H-edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com