Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2701 Datasheet(PDF) 6 Page - ams AG

Part # AS2701
Description  AS-Interface Slave IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2701 Datasheet(HTML) 6 Page - ams AG

Back Button AS2701 Datasheet HTML 2Page - ams AG AS2701 Datasheet HTML 3Page - ams AG AS2701 Datasheet HTML 4Page - ams AG AS2701 Datasheet HTML 5Page - ams AG AS2701 Datasheet HTML 6Page - ams AG AS2701 Datasheet HTML 7Page - ams AG AS2701 Datasheet HTML 8Page - ams AG AS2701 Datasheet HTML 9Page - ams AG AS2701 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AS-Interface Slave IC
AS2701A (ISA3+)
Rev. C, October 2000
Page 6 of 16
Functional, electrical and timing characteristic s
All voltages are referenced to LTGN = 0V, timing is valid for a clock frequency of 5.333 MHz.
a) Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Note
VLTGP
Positive Voltage
- 0.3
40
V
1
VLTGPOV
Positive Impulse Voltage
50
V
2
Vin1
Voltage at D0… D3, P0… P3,
DSTBn, PSTBn, CDC, UOUT,
TEST
VLTGN - 0.3
VLTGP + 0.3
V
Vin
≤40V
Vin2
Voltage at OSC1, OSC2, SDA,
SCL, U5R
VLTGN - 0.3
7
V
Iin
Input Current on every Pin
-25
25
mA
H
Non-Condensated Humidity
3
ESD
Electrostatic Discharge
1000
V
4
θSTG
Storing Temperature
-55
125
°C
θlead
Soldering Temperature
260
°C
5
Ptot
Power Dissipation
1
W
6
Notes:
1 A polarity protection diode is to be used externally
2 Impulse width:
≤50 µs; repetition rate: ≤0.5 Hz
3 Defined in DIN 40040 cond. F
4 HBM; R = 1.5 k
Ω; C = 100pF
5 260 °C for 10 s (reflow and wave soldering), 360 °C for 3 s (manual soldering)
6 SOIC 20: Rthja = 64.5 °K/W typ.
b) Recommended Operating Conditions
Symbol
Parameter
Min
max
Unit
Note
VLTGP1
Positive Voltage
26.9
33.1
V
1
VLTGP2
Positive Voltage for Sensor
Applications
17.5
33.1
V
2
ILTG
Operating Current @ VLTG = 30 V
6
mA
3
IOL
Max. Operating Current @ D0… D3,
DSTBn
10
mA
IOL
Max. Output Current @ P0… P3,
PSTBn
6
mA
fC
Quartz Frequency
5.333
MHz
4
θamb
Operating Temperature
-25
85
°C
Notes:
1 DC Parameter; VLTGP1min = VUOUTmin + VDROPmax;
VLTGPmax = VUOUTmax + VDROPmin
2 DC Parameter; VLTGP2min = VCOMOFFmax + VDROPmax
3 fC = 5.333 MHz, no load on UOUT and U5R, IC in idle mode
4 “AS-Interface-Quartz”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com