Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2701 Datasheet(PDF) 11 Page - ams AG

Part # AS2701
Description  AS-Interface Slave IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2701 Datasheet(HTML) 11 Page - ams AG

Back Button AS2701 Datasheet HTML 7Page - ams AG AS2701 Datasheet HTML 8Page - ams AG AS2701 Datasheet HTML 9Page - ams AG AS2701 Datasheet HTML 10Page - ams AG AS2701 Datasheet HTML 11Page - ams AG AS2701 Datasheet HTML 12Page - ams AG AS2701 Datasheet HTML 13Page - ams AG AS2701 Datasheet HTML 14Page - ams AG AS2701 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AS-Interface Slave IC
AS2701A (ISA3+)
Rev. C, October 2000
Page 11 of 16
For successful programming the programmer hardware must have sink/source capability of at
least 5 mA, and the AS-Interface Slave IC's supply voltage LTGP has to be in the range of
26.65 V ...33.35 V.
The only E
2PROM address locations which can be programmed through the AS-Interface
Slave IC (hence over the AS-Interface Bus and by the AS-Interface Master), are locations 0
and 1, which both have been reserved for the AS-Interface Slave unit's address.
The E
2PROM has to be programmed in the following way:
E
2PROM
Address
D7
D6
D5
D4
D3
D2
D1
D0
Initialization Data
0
0
0
0
AS-Interface address
0
1
0
0
0
AS-Interface address
0
2
ID Code
IO Configuration
Custom Specific Data
3
ID Code
IO Configuration
Custom Specific Data
Recommended E
2PROM types:
Supplier
Type
Organization
Philips
PCA8581P
128 x 8
ST
ST24C01
128 x 8
Catalyst
CAT24LC02(Z)IP
256 x 8
Xicor
X24LC02PI
256 x 8
Catalyst
CAT24LC04(Z)IP
512 x 8
Xicor
X24(L)C04PI
512 x 8
f) Sensor / actuator supply pin UOUT / Functional and electrical
characteristics
Symbol
Parameter
min
max
Unit
Note
VUOUT
Output Voltage at UOUT
VLTGP –
VDROP min
VLTGP –
VDROPmin
V
IUOUT = 35 mA
VUOUTp
Overswing of the Output
Voltage
1.5
V
CUOUT = 10 µF:
Switching 0-35 mA - 0
tUOUTP
Overswing Impulse Width
2.
ms
VDROP
Voltage Drop from LTGP
to UOUT
5.5
6.7
V
IUOUT
Output Current UOUT
0
35
mA
11.0 V < VUOUT < 27.6 V
CUOUT
Load Capacity UOUT
10
470
µF
The interface is intended for the supply voltage to actuators, sensors as well as external
circuits with a power supply of <35mA without overloading the AS-Interface line in the range of
the signal frequency. The AS-Interface slave IC has an internal circuit protector which limits the
current during the charging of the load capacitor and which effects a power down at thermal
overload, e.g. at too high output currents.
In the case of a current break down on the AS-Interface line of less than 1ms, the internally
stored information is retained. The supply voltage of the IC during this time is extracted from
the capacitor Pin UOUT which is disconnected from the AS-Interface line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com