Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2701 Datasheet(PDF) 12 Page - ams AG

Part # AS2701
Description  AS-Interface Slave IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2701 Datasheet(HTML) 12 Page - ams AG

Back Button AS2701 Datasheet HTML 8Page - ams AG AS2701 Datasheet HTML 9Page - ams AG AS2701 Datasheet HTML 10Page - ams AG AS2701 Datasheet HTML 11Page - ams AG AS2701 Datasheet HTML 12Page - ams AG AS2701 Datasheet HTML 13Page - ams AG AS2701 Datasheet HTML 14Page - ams AG AS2701 Datasheet HTML 15Page - ams AG AS2701 Datasheet HTML 16Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AS-Interface Slave IC
AS2701A (ISA3+)
Rev. C, October 2000
Page 12 of 16
Reset Behaviour
The AS-Interface Slave IC can be in reset condition or reset by the following events:
• at power-up of VLTGP: as long as VUOUT has not yet reached the treshold voltage
9 V
≤VCOMOFF ≤11 V;
• at power-down of VLTGP: as soon as U5R drops below the treshold voltage
3.5 V
≤VPOR ≤4 V;
• by a 'L' input level to DSTBn for more than 44 µs;
• resulting from a “Reset AS-Interface Slave“- command by the AS-Interface Master
over the AS-Interface BUS.
The different levels of VCOMOFF and VPOR as per a) and b) and the fact that the U5R supply
voltage results from a down-regulation of the VUOUT supply assure a desirable hysteresis in
the order of several volts between the VUOUT power-on-reset and power-down-reset
threshold. Whereas at power-up the AS-Interface Slave IC is released from reset by VUOUT
reaching a level of between 9 V and 11 V, at power-down VUOUT has to come down to a level
in the order of 5 V for U5R to drop into the reset-triggering window between 3.5 V and 4 V.
Some different power-down events are illustrated below:
t
Loff
1
VLTGP
18 V
0 V
POR
(internal signal)
neither receive
nor transmit
2
(no reset)
VUOUT
VCOMOFF
VUOUT
VCOMOFF
VU5R
VPOR
(reset)
3
Notes:
as to (1):
No reset will be triggered, if VLTGP is lower than 18 V for less than 1 ms
as to (2):
If VUOUT < VCOMOFF but still U5R > VPOR, communication over the Data
Port is inhibited, but no reset triggered
as to (3):
If U5R < VPOR (resulting from VUOUT << VCOMOFF), a reset is triggered.
Reset is overcome as soon as VUOUT > VCOMOFF (implying U5R > VPOR)
In reset condition internal registers are cleared and data port D0...D3 is switched into high-
impedant condition. After release from reset the AS-Interface Slave automatically performs a
first read cycle to clear the E
2PROM from any previously interrupted communication state and
a second one to load the AS-Interface address, IO Configuration and ID Code into its internal
registers.
Symbol
Parameter
min
max
Unit
Note
t reset
Reset Time after the Master
Command “Reset AS-Interface Slave”
or DSTBn = ext. L/H-Edge
2
ms
t reset2
Reset Time after Power On
30
ms
t reset3
Reset Time after Power On with great
Load Capacity
1000
ms
CUOUT = 470 µF
t Loff
Voltage Breakdown Time
1
ms
CUOUT > 10 µF
VCOMMoff
Voltage for “Communication OFF”
9
11
V
VPOR
Voltage for Internal Reset
3.5
4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com