Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2308AEVB Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC2308AEVB
Description  600kHz Step-Up Switching Regulator with 2.2A, 45V Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2308AEVB Datasheet(HTML) 4 Page - Semtech Corporation

  SC2308AEVB Datasheet HTML 1Page - Semtech Corporation SC2308AEVB Datasheet HTML 2Page - Semtech Corporation SC2308AEVB Datasheet HTML 3Page - Semtech Corporation SC2308AEVB Datasheet HTML 4Page - Semtech Corporation SC2308AEVB Datasheet HTML 5Page - Semtech Corporation SC2308AEVB Datasheet HTML 6Page - Semtech Corporation SC2308AEVB Datasheet HTML 7Page - Semtech Corporation SC2308AEVB Datasheet HTML 8Page - Semtech Corporation SC2308AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
Electrical Characteristics (continued)
SC2308A
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Oscillator
Switching Frequency
f
SW
500
630
750
kHz
Minimum Switch Off-Time
t
OFF(MIN)
60
ns
Minimum Switch On-Time
t
ON(MIN)
200
ns
Minimum Duty Cycle
D
MIN
0
%
Maximum Duty Cycle
D
MAX
87
96
%
Power Switch
Switch Current Limit(4)
I
LIM
2.2
2.9
3.7
A
Switch Saturation Voltage
V
CESAT
I
SW=2.2A
320
480
mV
Switch Leakage Current
I
LK
V
SW =2V
0.
0.5
µA
Enable Pin
High Voltage Threshold
V
IH
2
V
Low Voltage Threshold
V
IL
0.3
V
Enable Pin Current
I
EN
V
EN =0V
0.0
0.
µA
V
EN =2V
3.3
5.
V
EN =6V
3
25
Over Temperature Protection
Thermal Shutdown Temperature
T
SHDN
T
j rising
60
O
C
Hysteresis
T
HYST
2
O
C
Unless otherwise noted: V
IN = VEN = 3V, TJ = -40°C to 05°C. Typical values are at TJ = 25°C.
Notes:
(4) Switch current limit does not vary with duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com