Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2308AEVB Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC2308AEVB
Description  600kHz Step-Up Switching Regulator with 2.2A, 45V Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2308AEVB Datasheet(HTML) 2 Page - Semtech Corporation

  SC2308AEVB Datasheet HTML 1Page - Semtech Corporation SC2308AEVB Datasheet HTML 2Page - Semtech Corporation SC2308AEVB Datasheet HTML 3Page - Semtech Corporation SC2308AEVB Datasheet HTML 4Page - Semtech Corporation SC2308AEVB Datasheet HTML 5Page - Semtech Corporation SC2308AEVB Datasheet HTML 6Page - Semtech Corporation SC2308AEVB Datasheet HTML 7Page - Semtech Corporation SC2308AEVB Datasheet HTML 8Page - Semtech Corporation SC2308AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
Pin Configuration
Marking Information
Ordering Information
Device
Package
SC2308ASTRT() (2)
SO-8
SC2308AEVB
Evaluation Board
Notes:
() Available in tape and reel only. A reel contains 2,500 devices.
(2) Available in lead-free package only. Device is WEEE and RoHS
compliant and halogen free.
SC2308A
yyww
xxxxx
IN
FB
GND
SW
EN
8
7
6
5
1
2
3
4
COMP
NC
NC
Top View
θ
JA = 160°C/W
8-Lead SOIC
yyww - Date Code
xxxxx - Semtech Lot Number
Top View
SC2308A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com