Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2308AEVB Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC2308AEVB
Description  600kHz Step-Up Switching Regulator with 2.2A, 45V Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2308AEVB Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC2308AEVB Datasheet HTML 5Page - Semtech Corporation SC2308AEVB Datasheet HTML 6Page - Semtech Corporation SC2308AEVB Datasheet HTML 7Page - Semtech Corporation SC2308AEVB Datasheet HTML 8Page - Semtech Corporation SC2308AEVB Datasheet HTML 9Page - Semtech Corporation SC2308AEVB Datasheet HTML 10Page - Semtech Corporation SC2308AEVB Datasheet HTML 11Page - Semtech Corporation SC2308AEVB Datasheet HTML 12Page - Semtech Corporation SC2308AEVB Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
Applications Information
SC2308A
Duty Cycle
The duty cycle is the ratio of the switch on-time to the
switching period. For a boost converter, the duty cycle in
continuous-conduction mode (CCM) is:
CESAT
D
OUT
IN
D
OUT
V
V
V
V
V
V
D
()
where V
CESAT is the switch saturation voltage and VD is the
rectifying diode forward voltage.
Setting the Output Voltage
The converter output voltage is set with an external resis-
tive divider. The center tap of the divider is tied to the FB
pin ( Figure 3).
VOUT
R2
R1
FB
2
SC2308A
Figure 3. R
1 and R2 Divider Sets VOUT
The expression for V
OUT is:
2
1
OUT
R
R
1
220
.
1
V
(2)
R
 can be calculated from the output voltage and R2 as
follows:
1
220
.
1
V
R
R
OUT
2
1
(3)
Using large resistors for the FB voltage divider reduces
power consumption.
Minimum Off-Time Limitation
There is also a 00ns minimum switch off-time, which limits
the maximum duty cycle. This determines the maximum
attainable output voltage for a given V
IN. Using Equation
(), the maximum output voltage for a boost converter
can be derived:
D
MAX
CESAT
MAX
IN
OUT
V
D
1
V
D
V
V
(4)
where D
MAX is the maximum duty cycle.
Example: Determine the highest output voltage that can
be achieved from a 3V input using the SC2308A as a boost
regulator. Assuming V
D= 0.5V, VCESAT= 0.3V and using DMAX=
0.87:
V
6
.
20
5
.
0
87
.
0
1
3
.
0
87
.
0
3
V
OUT
The transient headroom requirement further reduces the
maximum achievable output voltage to less than 20V.
Maximum Output Current
In a boost converter, the inductor is connected to the
input. The inductor DC current is the regulator input
current. When the power switch is turned on, the inductor
current flows into the switch. When the power switch is
off, the inductor current flows through the rectifying
diode to the output. The output current is the average
diode current. The diode current waveform is trapezoidal
with a pulse width of (–D)T
S (Figure 4). The output current
available from a boost converter, therefore, depends on
the converter operating duty cycle. The power switch
current in the SC2308A is internally limited to at least
2.2A. This is also the maximum peak inductor or the peak
input current. If the inductor ripple current is low, then
the maximum regulator input current will be very close to
the switch current limit I
LIM. By estimating the conduction
Switch Current
Diode Current
ON
ON
OFF
ON
ON
OFF
ON
OFF
(1-D)T
S
DT
S
Inductor
Current
0
0
IOUT
IIN
Figure 4. Current Waveforms in a Boost Converter
Switch Current
Diode Current
ON
ON
OFF
ON
ON
OFF
ON
OFF
(1-D)T
S
DT
S
Inductor
Current
0
0
IOUT
IIN
Figure 4. Current Waveforms in a Boost Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com