Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2308AEVB Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC2308AEVB
Description  600kHz Step-Up Switching Regulator with 2.2A, 45V Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2308AEVB Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC2308AEVB Datasheet HTML 3Page - Semtech Corporation SC2308AEVB Datasheet HTML 4Page - Semtech Corporation SC2308AEVB Datasheet HTML 5Page - Semtech Corporation SC2308AEVB Datasheet HTML 6Page - Semtech Corporation SC2308AEVB Datasheet HTML 7Page - Semtech Corporation SC2308AEVB Datasheet HTML 8Page - Semtech Corporation SC2308AEVB Datasheet HTML 9Page - Semtech Corporation SC2308AEVB Datasheet HTML 10Page - Semtech Corporation SC2308AEVB Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
SC2308A
Pin Descriptions
Pin #
Pin Name
Pin Function

COMP
Error Amplifier Output. The voltage at this pin controls the peak switch current. A series RC network from this pin
to ground compensates the control loop.
2
FB
The Inverting Input of the Error Amplifier. Tie to an external resistive divider to set the output voltage.
3
EN
Enable Pin. Pulling this pin below 0.3V shuts down the SC2308A to less than mA of quiescent current. Applying
more than 2V at this pin enables the SC2308A. For normal operation, this pin can be tied to IN or driven from a
logic gate with V
OH > 2V.
4
GND
Ground. Tie to the ground plane. The converter output capacitor must be closely bypassed to the ground pin.
5
SW
Collector of the Internal Power Transistor. Connect to a boost inductor and a freewheeling diode. The maximum
switching voltage spike at this pin should be limited to less than 45V.
6
IN
Power Supply Pin. Bypassed with capacitor close to the pin.
7
NC
No connection.
8
NC
No connection.
Block Diagram
REF NOT READY
EA
-
FB
2
IN
6
3
EN
SHUTDOWN
THERMAL
1.22V
+
+
R
Q
S
PWM
-
+
+
+
-
ISEN
ILIM
+
-
18mV
S
GND
4
SW
5
600kHz
OSCILLATOR
J
Q1
START
SOFT-
+
SS
SUPPLY
INTERNAL
OC
6.3mΩ
COMP
1
REFERENCE
VOLTAGE
T > 160°C
CLK
SLOPE COMP
Figure 2. SC2308A Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com