Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSQ976-NR-1-0-20-R18 Datasheet(PDF) 21 Page - Microchip Technology

Part # LSQ976-NR-1-0-20-R18
Description  Wireless Security Remote Control Development Kit User?셲 Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LSQ976-NR-1-0-20-R18 Datasheet(HTML) 21 Page - Microchip Technology

Back Button LSQ976-NR-1-0-20-R18 Datasheet HTML 17Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 18Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 19Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 20Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 21Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 22Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 23Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 24Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
WIRELESS SECURITY REMOTE CONTROL
DEVELOPMENT KIT USER’S GUIDE
 2012 Microchip Technology Inc.
DS41646A-page 21
Chapter 3. PIC12LF1840T39A Wireless Remote Key Fob
3.1
INTRODUCTION
The PIC12LF1840T39A Wireless Remote Key Fob is a demonstration and
development platform for wireless security remote control applications. This section
gives a detailed description of the key fob.
3.2
HARDWARE DESCRIPTION
Figure 3-1 shows the key fob. The enclosure is an off-the-shelf key fob enclosure from
Polycase (http://www.polycase.com/). The enclosure houses a two-sided Printed
Circuit Board (PCB).
The schematic, PCB layout, and Bill of Materials are listed in Appendix
A. “PIC12LF1840T39A Wireless Remote Key Fob Schematics”
.
FIGURE 3-1:
PIC12LF1840T39A WIRELESS REMOTE KEY FOB
3.3
PRINTED CIRCUIT BOARD DESCRIPTION
The key fob PCB is a two-layer, plated through hole, 0.031 inches (0.7874 millimeters)
thick, FR4 material. Figure 3-2 shows the top layer of the PCB. All components, except
the LED, are on the top layer. A PCB antenna is employed in the design for reduced
cost and compactness. The PCB antenna is explained in more detail below.
P1 is the ICSP™ programming port. See Chapter 6. “Developing with the Wireless
Security Remote Control Development Kit”
for suggestions on developing and
programming the key fob.
TopButton
3
LeftButton
1
RightButton
4
BottomButton
2
LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com