Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSQ976-NR-1-0-20-R18 Datasheet(PDF) 16 Page - Microchip Technology

Part # LSQ976-NR-1-0-20-R18
Description  Wireless Security Remote Control Development Kit User?셲 Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LSQ976-NR-1-0-20-R18 Datasheet(HTML) 16 Page - Microchip Technology

Back Button LSQ976-NR-1-0-20-R18 Datasheet HTML 12Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 13Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 14Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 15Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 16Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 17Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 18Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 19Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
Wireless Security Remote Control Development Kit User’s Guide
DS41646A-page 16
 2012 Microchip Technology Inc.
FIGURE 2-1:
PLUG THE SX1239 RECEIVER PICtail™ DAUGHTER CARD
INTO THE EMBEDDED SECURITY DEVELOPMENT BOARD
5. Power-up the Embedded Security Development Board.
To power the Embedded Security Development Board from the USB port, connect the
USB A to mini-B cable to the development board and an available USB port or USB
power source. Set jumper J6 to pins 1-2. When using a USB port for power, there is no
requirement to load the USB drivers.
To power the Embedded Security Development Board from an external power supply,
connect test points labeled +VEXT and GND to a bench power supply set to 3.3 VDC.
Place jumper J6 to pins 2-3.
2.5
DEMO OPERATION
The pre-programmed demo is used to demonstrate the basic operation of Microchip
Remote Keyless Entry (RKE) solutions. The demo highlights capabilities of transmitting
and receiving data that is secured over the air. Two different methods, KEELOQ® Classic
and KEELOQ® AES, are used in this demo.
2.5.1
Key Fob as Transmitter
The pre-programmed demonstration shows how to secure information during data
transmission. Pressing any one of four buttons on the red key fob, the information
about the pressed button will be encrypted and transmitted. When data is being
transmitted, the LED on the key fob will flash. Two ways to secure the information have
been shown in this demo: KEELOQ Classic and KEELOQ AES. When button 1 or 2 (see
Figure 2-2) is pressed, the information is secured with KEELOQ Classic before the
transmission; when button 3 or 4 (see Figure 2-2) is pressed, the information is secured
with KEELOQ AES before the transmission.
For details on KEELOQ Classic and KEELOQ AES, please refer to Microchip application
notes AN1259, “KEELOQ® Microcontroller-Based Code Hopping Encoder” and AN1265
“KEELOQ® with AES Microcontroller-Based Code Hopping Encoder”.
The key fob has four push buttons and is powered by a CR2032 coin battery. The key
fob is shown in Figure 2-2, where the four buttons are labeled individually.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com