Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSQ976-NR-1-0-20-R18 Datasheet(PDF) 37 Page - Microchip Technology

Part # LSQ976-NR-1-0-20-R18
Description  Wireless Security Remote Control Development Kit User?셲 Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LSQ976-NR-1-0-20-R18 Datasheet(HTML) 37 Page - Microchip Technology

Back Button LSQ976-NR-1-0-20-R18 Datasheet HTML 33Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 34Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 35Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 36Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 37Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 38Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 39Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 40Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
PIC12LF1840T39A Wireless Remote Key Fob Schematics
 2012 Microchip Technology Inc.
DS41646A-page 37
1
C5
9.1 pF
Capacitor, Ceramic,
Johanson Technology 500R07S9R1CV4T
1
C3
5.6 pF
Capacitor, Ceramic,
50V, ±0.1 pF, UHI-Q
NP0, SMT 0402
Johanson Technology
Inc
500R07S5R6CV4T
1L4
0 Ω
Resistor, 5%, ±100
ppm/C, SMT 0402
Yageo
RC0402JR-070RL
1L3
0 Ω
Resistor, 5%, ±100
ppm/C, SMT 0402
Yageo
RC0402JR-070RL
1
C2
3 pF
Capacitor, Ceramic,
50V, ±0.1 pF, UHI-Q
NP0, SMT 0402
Johanson Technology
Inc
500R07S3R0BV4T
1
L2
1 nH
Inductor, Ceramic, ±5%,
SMT 0402
Johanson Technology
Inc
L-07C1N0SV6T
1
L1
47 nH
Inductor, Ceramic, ±5%,
SMT 0402
Panasonic – ECG
ELJ-RF47NGFB
1
X1
26 MHz
CRYSTAL 26.000 MHz
Abracon Corporation ABM8G-26.000MHZ-18-D2
1
C5
100 pF
Capacitor, Ceramic,
Murata Electronics
GRM1555C1H101JZ01D
1
C3
DNP
Do not populate
—
—
1
L4
DNP
Do not populate
—
—
1
L3
27 nH
Inductor, Ceramic, ±5%,
SMT 0402
Murata Electronics
North America
LQG15HS27NJ02D
1
C2
1.8 pF
Capacitor, Ceramic,
±5%, SMT 0402
Murata Electronics
North America
GRM1555C1H1R8CZ01D
1L2
0 Ω
Resistor, 5%, ±100
ppm/C, SMT 0402
Yageo
RC0402JR-070RL
1
L1
27 nH
Inductor, Ceramic, ±5%,
SMT 0402
Murata Electronics
North America
LQG15HS27NJ02D
1
X1
26 MHz
CRYSTAL 26.000 MHz
Abracon Corporation ABM8G-26.000MHZ-18-D2
1
C5
4.7 nH
Inductor, Ceramic, ±5%, Murata Electronics
LQG15HS4N7S02D
1
C3
4.7 pF
Capacitor, Ceramic,
±5%, SMT 0402
Murata Electronics
North America
GRM1555C1H4R7CZ01D
1
L4
1.8 nH
Inductor, Ceramic, ±5%,
SMT 0402
Murata Electronics
North America
LQP15MN1N8B02D
1
L3
2.7 nH
Inductor, Ceramic, ±5%,
SMT 0402
Murata Electronics
North America
LQG15HS2N7S02D
1
C2
2.7 pF
Capacitor, Ceramic,
±5%, SMT 0402
Murata Electronics
North America
GRM1555C1H2R7CZ01D
1
L2
1.8 nH
Inductor, Ceramic, ±5%,
SMT 0402
Murata Electronics
North America
LQP15MN1N8B02D
1
L1
15 nH
Inductor, Ceramic, ±5%,
SMT 0402
Murata Electronics
North America
LQP15MN15NG02D
1
X1
26 MHz
CRYSTAL 26.000 MHz
Abracon Corporation ABM8G-26.000MHZ-18-D2
TABLE A-1:
KEY FOB BOM (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com