Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSQ976-NR-1-0-20-R18 Datasheet(PDF) 13 Page - Microchip Technology

Part # LSQ976-NR-1-0-20-R18
Description  Wireless Security Remote Control Development Kit User?셲 Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LSQ976-NR-1-0-20-R18 Datasheet(HTML) 13 Page - Microchip Technology

Back Button LSQ976-NR-1-0-20-R18 Datasheet HTML 9Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 10Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 11Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 12Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 13Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 14Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 15Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 16Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
WIRELESS SECURITY REMOTE CONTROL
DEVELOPMENT KIT USER’S GUIDE
 2012 Microchip Technology Inc.
DS41646A-page 13
Chapter 1. Overview
1.1
INTRODUCTION
The Wireless Security Remote Control Development Kit is a demonstration and
development platform for wireless security remote control applications. The kit demos
two security protocols, KEELOQ® Classic and KEELOQ® AES.
The kit contains a four-button key fob transmitter based on the PIC12LF1840T39A,
SX1239 Receiver PICtail™ Daughter Board, and the Embedded Security Development
Board. The kits can be purchased in one of three transmit frequencies. See the next
section for ordering part numbers.
• Wireless Security Remote Control Development Kit Contents
• Getting Started
1.2
WIRELESS SECURITY REMOTE CONTROL DEVELOPMENT KIT CONTENTS
The Wireless Security Remote Control Development Kits have three frequency
choices:
• Wireless Security Remote Control Development Kit – 433.92 MHz (DM182017-1)
• Wireless Security Remote Control Development Kit – 868 MHz (DM182017-2)
• Wireless Security Remote Control Development Kit – 915 MHz (DM182017-3)
Each kit contains:
• PIC12LF1840T39A Wireless Remote Key Fob (Chapter 3. “PIC12LF1840T39A
Wireless Remote Key Fob”
, Appendix A)
• SX1239 Receiver PICtail Daughter Board (Chapter 4. “SX1239 Receiver PICtail™
Daughter Board”
, Appendix B)
• Embedded Security Development Board (Chapter 5. “Embedded Security
Development Board”
, Appendix C)
• USB Cable
• CR2032 Coin Cell Battery
1.3
GETTING STARTED
Chapter 2. “Getting Started”
provides a getting started tutorial to familiarize users
with the Wireless Security Remote Control Development Kit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com