Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD10265 Datasheet(PDF) 1 Page - Analog Devices

Part # AD10265
Description  Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10265 Datasheet(HTML) 1 Page - Analog Devices

  AD10265 Datasheet HTML 1Page - Analog Devices AD10265 Datasheet HTML 2Page - Analog Devices AD10265 Datasheet HTML 3Page - Analog Devices AD10265 Datasheet HTML 4Page - Analog Devices AD10265 Datasheet HTML 5Page - Analog Devices AD10265 Datasheet HTML 6Page - Analog Devices AD10265 Datasheet HTML 7Page - Analog Devices AD10265 Datasheet HTML 8Page - Analog Devices AD10265 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
AD10265
FEATURES
Dual, 65 MSPS Minimum Sample Rate
Channel-Channel Matching,
0.1% Gain Error
Channel-Channel Isolation, >80 dB
AC-Coupled Signal Conditioning Included
Selectable Bipolar Input Voltage Range
( 0.5 V,
1.0 V,
2.0 V)
Gain Flatness up to Nyquist: < 0.5 dB
80 dB Spurious-Free Dynamic Range
Twos Complement Output Format
+3.3 V or +5 V CMOS-Compatible Output Levels
1.05 W Per Channel
Industrial and Military Grade
APPLICATIONS
Phased Array Receivers
Communications Receivers
FLIR Processing
Secure Communications
GPS Anti-Jamming Receivers
Multichannel, Multimode Receivers
FUNCTIONAL BLOCK DIAGRAM
D11B (MSB)
D10B
D9B
D8B
D7B
D0B
(LSB)
D1B
D2B
D3B
D4B
D5B
D6B
D9A
D10A
D11A
(MSB)
(LSB) D0A
D1A
D2A
D3A
D4A
D5A
D6A
D7A
D8A
ENCODEA
5
7
12
AINB3
ENCODEB
ENCODEB
TIMING
ENCODEA
9
AD9631
AD9632
AIN
AIN
AINA2
AINA1
AINA3
12
AD6640
OUTPUT BUFFERING
AD10265
AINB2
AINB1
OUTPUT BUFFERING
TIMING
AD9631
AD9632
AIN
AIN
AD6640
Dual Channel, 12-Bit, 65 MSPS A/D Converter
with Analog Input Signal Conditioning
a
PRODUCT DESCRIPTION
The AD10265 is a full channel ADC solution with on-module
signal conditioning for improved dynamic performance and
fully matched channel-to-channel performance. The module
includes two wide dynamic range AD6640 ADCs. Each
AD6640 has an AD9631/AD9632 ac-coupled amplifier front
end. The AD6640s have on-chip track-and-hold circuitry, and
utilize an innovative multipass architecture, to achieve 12-bit,
65 MSPS performance. The AD10265 uses innovative high-
density circuit design and laser-trimmed thin-film resistor
networks to achieve exceptional matching and performance
while still maintaining excellent isolation, and providing for
significant board area savings.
The AD10265 operates with
± 5.0 V for the analog signal
conditioning with a separate +3.3 V supply for the analog-to-
digital conversion. Each channel is completely independent
allowing operation with independent Encode and Analog in-
puts. The AD10265 also offers the user a choice of Analog
Input Signal ranges to further minimize additional external
signal conditioning, while still remaining general-purpose.
The AD10265 is packaged in a 68-lead Ceramic Gull Wing
Package, footprint compatible with the earlier generation
AD10242 (12-bit, 40 MSPS). Manufacturing is done on
Analog Devices’ MIL-38534 Qualified Manufacturers Line
(QML) and components are available up to Class-H (–55
°C to
+125
°C). The AD6640 internal components are manufactured
on Analog Devices’ high speed complementary bipolar process
(XFCB).
PRODUCT HIGHLIGHTS
1. Guaranteed sample rate of 65 MSPS.
2. Input amplitude options, user configurable.
3. Input signal conditioning included; both channels matched
for gain.
4. Fully tested/characterized performance for full channel.
5. Footprint compatible family; 68-lead LCCC.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998


Similar Part No. - AD10265

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10265PCB AD-AD10265PCB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD10265 AD-AD10265_15 Datasheet
2Mb / 24P
Dual Channel, 12-Bit, 65 MSPS A/D Converter
REV. A
More results

Similar Description - AD10265

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10242 AD-AD10242 Datasheet
251Kb / 16P
Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV.A
AD13280 AD-AD13280 Datasheet
1Mb / 20P
Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV.0
AD13465 AD-AD13465 Datasheet
1Mb / 20P
Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV.0
AD10200 AD-AD10200 Datasheet
1Mb / 20P
Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
AD10465 AD-AD10465 Datasheet
2Mb / 20P
Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV.0
AD15452 AD-AD15452 Datasheet
340Kb / 16P
12-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning
REV. 0
AD13280BF AD-AD13280BF Datasheet
1Mb / 28P
Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD10265 AD-AD10265_15 Datasheet
2Mb / 24P
Dual Channel, 12-Bit, 65 MSPS A/D Converter
REV. A
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD10200 AD-AD10200_17 Datasheet
1Mb / 20P
A/D Converter with Analog Input Signal Conditioning
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com