Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1672 Datasheet(PDF) 7 Page - Analog Devices

Part # AD1672
Description  Complete 12-Bit, 3 MSPS Monolithic A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1672 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1672 Datasheet HTML 3Page - Analog Devices AD1672 Datasheet HTML 4Page - Analog Devices AD1672 Datasheet HTML 5Page - Analog Devices AD1672 Datasheet HTML 6Page - Analog Devices AD1672 Datasheet HTML 7Page - Analog Devices AD1672 Datasheet HTML 8Page - Analog Devices AD1672 Datasheet HTML 9Page - Analog Devices AD1672 Datasheet HTML 10Page - Analog Devices AD1672 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD1672
REV. 0
–7–
Sample Rate: 3 MSPS and AIN = –0.5 dB
CODE
1.0
–1.0
0
4000
500
1000
1500
2000
2500
3000
3500
0.8
0.2
–0.2
–0.6
-0.8
0.6
0.4
0.0
–0.4
Figure 2. Typical DNL Performance
INPUT FREQUENCY – Hz
80
40
105
107
106
75
70
–0.5dB
– 6.0dB
60
55
50
45
65
– 20.0dB
Figure 3. S/(N+D) vs. Input Frequency
CODE
2.5
–2.5
0
4000
500
1000
1500
2000
2500
3000
3500
2.0
0.5
–0.5
–1.5
–2.0
1.5
1.0
0.0
–1.0
Figure 4. Typical INL Performance
AMPLITUDE – dB
70
58
–10
0
–7
68
60
–5
62
64
66
–9
–8
–6
–4
–3
–2
–1
500kHz
1.5MHz
1MHz
Figure 5. S/(N+D) vs. Amplitude
INPUT FREQUENCY – Hz
–40
–50
–90
105
107
106
–60
–70
–80
THD
2nd HARM
3rd HARM
Figure 6. Distortion vs. Input Frequency, Full-Scale Input
Typical Performance Characteristics–AD1672
REV. 0
–7–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com