Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1672 Datasheet(PDF) 11 Page - Analog Devices

Part # AD1672
Description  Complete 12-Bit, 3 MSPS Monolithic A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1672 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1672 Datasheet HTML 7Page - Analog Devices AD1672 Datasheet HTML 8Page - Analog Devices AD1672 Datasheet HTML 9Page - Analog Devices AD1672 Datasheet HTML 10Page - Analog Devices AD1672 Datasheet HTML 11Page - Analog Devices AD1672 Datasheet HTML 12Page - Analog Devices AD1672 Datasheet HTML 13Page - Analog Devices AD1672 Datasheet HTML 14Page - Analog Devices AD1672 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD1672
REV. 0
–11–
REFERENCE INPUT
The nominal reference input is 2.5 V, taken with respect to
REFCOM. The reference input pin (REFIN) can be connected
to the reference output pin (REFOUT) or a standard external
+2.5 Volt reference can be selected to meet specific system re-
quirements. Figure 17 shows the AD1672’s REFIN being
driven from an external precision voltage reference such as the
REF192. If an external reference is used, REFOUT can be ef-
fectively disabled by tying it directly to the positive supply volt-
age VCC. Note that if the reference is changed during a conversion,
all three conversions in the pipeline will be invalidated.
The nominal 2.5 V reference input is rescaled to 1.25 V via a
resistor divider network as shown in Figure 18. The nominal
resistance of this resistor network is 8 k
Ω. Table IV summa-
rizes various 2.5 V references for use with the AD1672 (see
REFERENCE OUTPUT section).
Table IV. Suitable 2.5 Volt References
Drift
Initial Accuracy
(ppm/ C)
%
REF43B
10 (max)
0.1
REF192E
5 (max)
0.08
AD780B
3 (max)
0.04
0.1µF
10µF
+VCC
+VCC
AD780
OUTPUT
GND
VS
1µF
AD1672
REFIN
REFOUT
Figure 17. Circuit using AD780 Optional +2.5 V
Reference Input Circuit
REFERENCE NOISE REDUCTION
Figure 18 shows the proper connection of two external 1
µF
capacitors, CNR1 and CNR2, associated with the two noise re-
duction nodes NCOMP1 and NCOMP2 (Pins 25 and 26) of
the AD1672. Although these noise reduction capacitors, CNR, are
not required for stability, the most optimum noise and distortion per-
formance will be attained with a 1
µF ceramic capacitor connected
from each Noise Reduction node to ACOM. CNR1 is associated with
the output of the DAC amp and is required for optimum dis-
tortion performance and SHA settling time. It provides a low
source impedance for signal-dependent, transient currents asso-
ciated with this node. CNR2 reduces the noise contribution from
the reference buffer amplifier.
CNR2
1µF
1µF
CNR1
1µF
NCOMP2
REFOUT
REFIN
AD1672
REFCOM
NCOMP1
DAC
AMP
REF
AMP
4k
4k
20
23
24
25
26
Figure 18. Reference Noise Reduction
REFERENCE OUTPUT
The AD1672 includes an onboard +2.5 V curvature compen-
sated bandgap reference that has been laser trimmed for both
absolute value and temperature drift. The reference must be
externally compensated with a capacitor of 1
µF or greater from
REFOUT to REFCOM.
The reference is specified to provide an additional load current
up to 500
µA. For large dynamic loads and/or external loads
greater than 500
µA, an external buffer amplifier or pull-up re-
sistor is required. If a pull-up resistor is used, its value should
be selected such that REFOUT will not be required to sink any
current under all operating conditions. Figure 19 illustrates the
load regulation of the reference. The power supply rejection of
the reference is better than 0.2 % of FSR at dc.
LOAD CURRENT – µA
2.500
2.493
2.490
0
100
200
300
400
500
600
700
800
900
1000
2.499
2.494
2.492
2.491
2.498
2.496
2.497
2.495
Figure 19. Reference Output Voltage vs. Load Current
DIGITAL OUTPUTS
The AD1672 output data is presented in positive true straight
binary for both the 0 V to 2.5 V and 0 V to 5 V unipolar input
ranges and positive true offset binary for the
±2.5 V bipolar
range. Table V indicates the output data formats for the three
analog input ranges. Users requiring twos complement encoding
for the
±2.5 V range may simply invert the MSB (Pin 13).
Table V. Output Data Format
Input Voltage Range
+FS (V)
–FS (V)
LSB (mV)
0 to +2.5
+2.5
0.0
0.610
0 to +5.0
+5.0
0.0
1.22
–2.5 to +2.5
+2.5
–2.5
1.22
–FS+1/2 LSB
–FS
–FS –1/2 LSB
+FS
+FS –1/2 LSB
OTR
+FS –1 1/2 LSB
OTR
DATA OUTPUTS
1
1111 111 1111
0
1111 1111 1111
0
1111 1111 1110
0
0000 0000 0001
0
0000 0000 0000
1
0000 0000 0000
Figure 20. Output Data Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com