Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1672 Datasheet(PDF) 2 Page - Analog Devices

Part # AD1672
Description  Complete 12-Bit, 3 MSPS Monolithic A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1672 Datasheet(HTML) 2 Page - Analog Devices

  AD1672 Datasheet HTML 1Page - Analog Devices AD1672 Datasheet HTML 2Page - Analog Devices AD1672 Datasheet HTML 3Page - Analog Devices AD1672 Datasheet HTML 4Page - Analog Devices AD1672 Datasheet HTML 5Page - Analog Devices AD1672 Datasheet HTML 6Page - Analog Devices AD1672 Datasheet HTML 7Page - Analog Devices AD1672 Datasheet HTML 8Page - Analog Devices AD1672 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD1672–SPECIFICATIONS
DC SPECIFICATIONS
REV. 0
–2–
(TMIN to TMAX with VCC = +5.0 V, VDD = +5.0 V, DRVDD = +5.0 V, fSAMPLE = 3 MHz unless otherwise noted)
AD1672AP
Parameter
Min
Typ
Max
Units
RESOLUTION
12
Bits
MAX CONVERSION RATE
3
MHz
ACCURACY
Integral Nonlinearity (INL)
–2.5
±1.0
2.5
LSB
Differential Nonlinearity (DNL)
–1.0
±0.5
1.5
LSB
No Missing Codes
12 Bits Guaranteed
Offset Error
–0.75
±0.20
0.75
% FSR
Zero Error1
–0.75
±0.20
0.75
% FSR
Gain Error
2
–1.50
±0.30
1.50
% FSR
POWER SUPPLY REJECTION3
VCC (5.0 V
± 0.25 V)
–0.30
0.30
% FSR
VDD (5.0 V
± 0.25 V)
–0.30
0.30
% FSR
VDRDD (3.0 V to 5.25 V)
–0.10
0.10
% FSR
ANALOG INPUT
Input Ranges
2.5 V Range Unipolar
0.0
2.5
Volts
5.0 V Range Unipolar
0.0
5.0
Volts
5.0 V Bipolar
–2.5
2.5
Volts
Input Resistance
2.5 V Input Range
1.5
2.0
2.5
k
5.0 V Input Ranges
3.0
4.0
5.0
k
Input Capacitance
10
pF
INTERNAL VOLTAGE REFERENCE
Output Voltage
2.475
2.5
2.525
Volts
Output Current
4
0.5
mA
REFERENCE INPUT RESISTANCE
6.0
8.0
10.0
k
POWER SUPPLIES
Supply Voltages
VCC
4.75
5.0
5.25
Volts
VDD
4.75
5.0
5.25
Volts
DRVDD
3.00
5.0
5.25
Volts
Supply Current
IVCC
46
65
mA
IVDD
1.0
2.0
mA
IDRVDD
0.2
2.0
mA
POWER CONSUMPTION
240
363
mW
TEMPERATURE RANGE
–40
25
85
°C
NOTES
1Bipolar Mode.
2Includes internal reference error.
3Change in full scale as a function of the dc supply voltage.
4Current available for external loads. External load should not change during conversion.
Specification subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com