Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1672 Datasheet(PDF) 15 Page - Analog Devices

Part # AD1672
Description  Complete 12-Bit, 3 MSPS Monolithic A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1672 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD1672 Datasheet HTML 11Page - Analog Devices AD1672 Datasheet HTML 12Page - Analog Devices AD1672 Datasheet HTML 13Page - Analog Devices AD1672 Datasheet HTML 14Page - Analog Devices AD1672 Datasheet HTML 15Page - Analog Devices AD1672 Datasheet HTML 16Page - Analog Devices AD1672 Datasheet HTML 17Page - Analog Devices AD1672 Datasheet HTML 18Page - Analog Devices AD1672 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD1672
REV. 0
–15–
and/or offset adjustment purposes. Onboard data buffers are
also included. The AD1672/EB requires an external clock
which is applied from a user’s bench or generated from a circuit
built on the prototyping area. A standard 40-pin IDC-connector
provides access for the digital outputs from the AD1672/EB. The
user must also provide a digital +5 V power supply and analog
±5 V supplies to operate the AD1672/EB.
OPERATING PROCEDURE AND FUNCTIONAL
DESCRIPTION
Power
Apply power to the AD1672/EB by attaching banana plugs to
the appropriate banana jacks on the printed circuit board (Fig-
ure 31). The +VCC analog supply should be +5 V (
±5%) and
be capable of supplying 70 mA. The –VEE analog supply should
be –5 V (
±5%) and be capable of supplying 20 mA. The +V
DD
digital supply should be +5 V (
±5%) and be capable of supply-
ing 12 mA (not including any additional current required by the
digital load).
The power supply pin for the onboard output drivers internal to
the AD1672 (DRVDD–Pin 14) can be driven directly by the
digital supply, +VDD, by installing JP10 or may be driven via a
separate supply by removing JP10 and driving the test point,
TP5. The separate supply option allows the user to interface
with +5 V or +3.3 V (
±5%) logic families.
JP1
To provide +VCC supply to both U3 (DAC08) and U1
(op amp), attach jumper JP1.
JP10 To provide +5 V (+/-5%) supply to DRVDD pin of
AD1672 via +VDD or separate supply. To provide power
to DRVDD pin via +VDD, install JP10. To provide power
to DRVDD pin via separate supply, remove JP10 and con-
nect external supply to test point TP5.
Analog Inputs
The BNC jack, AIN (J1), accepts voltage inputs that comply
with the analog input requirements of the AD1672. It is termi-
nated with a 49.9
Ω resistor (R1) located on the component-
side of the evaluation board. Remove and/or replace this
resistor with other values in order to match different cable im-
pedances. The AD1672 analog input can be directly driven via
AIN (J1) by installing JP2 and removing JP3 or it can be driven
via an amplifier (U1) by installing JP3 and removing JP2. The
amplifier (U1) may be configured in the inverting or noninvert-
ing mode with a gain of one by configuring S4.
JP2
Installing JP2 and removing JP3, directly dc couples AIN
(J1) to the AD1672 analog input.
JP3
Installing JP3 and removing JP2, indirectly dc couples
AIN (J1) to the AD1672 analog input via the inverting
op amp U1.
S4
Selects inverting or noninverting gain of one for the am-
plifier U1. When S4 is in position A, the noninverting
mode is selected. When S1 is in position B, the inverting
mode is selected.
The AD1672’s analog input range can be configured for
0 V–2.5 V, 0 V–5 V, or
±2.5 V by installing only one of the four
jumpers, JP5–JP7, as outline in Table VII.
JP5
Installing only jumper JP5, the 0 V–2.5 V range of the
AD1672 is selected.
JP6
Installing only jumper JP6, the 0 V–5 V range of the
AD1672 is selected.
JP7
Installing only jumper JP7, the
±2.5 V range of the
AD1672 is selected.
Table VII. Analog Input Range Selection
Analog Input Range
(Volts)
JP5
JP6
JP7
0 to 2.5
ON
OFF
OFF
0 to 5.0
OFF
ON
OFF
±2.5
OFF
OFF
ON
Reference
An external 2.5 V voltage reference, U2, is also included on the
AD1672/EB to provide the option for greater dc precision than
the AD1672’s internal reference. The external reference also
provides the proper biasing currents for the offset adjustment
circuitry consisting of U3. To use the external voltage reference
for the AD1672, install JP9 and remove JP4. To use the AD1672’s
internal voltage reference, install JP4 and remove JP9.
JP4
Installing JP4 and removing JP9 selects the AD1672’s
internal reference.
JP9
Installing JP9 and removing JP4 selects the external
reference, U2.
Offset Adjustment/Reconstruction DAC
An 8-bit complementary current output DAC08, U3, allows for
either offset adjustment of the analog input or reconstruction of
the AD1672 digital output for simple evaluation purposes. The
offset adjustment option is implemented by installing both JP3
and JP8. Note that JP5, JP6 and JP7 should be removed so
that the AD1672 is configured for a 0 V–5 V range.
The DAC08 can also be configured to reconstruct the digital
output of the AD1672 using its digital output for the DAC08’s
digital input. The output of the user supplied ribbon cable used
to interface with the 40-pin IDC connector (E1) can be con-
nected directly to the connector U8, hence recirculating the
eight most significant digital output bits of the AD1672. In this
configuration, JP8 would be removed and the reconstructed
waveform (
±50 mV p-p) can be monitored via test point TP4.
JP8
Installing JP8 and removing JP5, JP6 and JP7 selects the
offset adjustment option. Removing JP8 and connecting
E1 to U8 via an external user-supplied ribbon cable
selects the reconstruction option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com