Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1848K Datasheet(PDF) 1 Page - Analog Devices

Part # AD1848K
Description  Parallel-Port 16-Bit SoundPort Stereo Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1848K Datasheet(HTML) 1 Page - Analog Devices

  AD1848K Datasheet HTML 1Page - Analog Devices AD1848K Datasheet HTML 2Page - Analog Devices AD1848K Datasheet HTML 3Page - Analog Devices AD1848K Datasheet HTML 4Page - Analog Devices AD1848K Datasheet HTML 5Page - Analog Devices AD1848K Datasheet HTML 6Page - Analog Devices AD1848K Datasheet HTML 7Page - Analog Devices AD1848K Datasheet HTML 8Page - Analog Devices AD1848K Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
a
Parallel-Port 16-Bit
SoundPort Stereo Codec
AD1848K
FEATURES
Single-Chip Integrated
∑∆ Digital Audio Stereo Codec
Supports the Microsoft Windows Sound System®
Multiple Channels of Stereo Input
Analog and Digital Signal Mixing
Programmable Gain and Attenuation
On-Chip Signal Filters
Digital Interpolation
Analog Output Low-Pass
Sample Rates from 5.5 kHz to 48 kHz
68-Lead PLCC and 68-Lead TQFP Packages
Operation from +5 V Supplies
Byte-Wide Parallel Interface to ISA and EISA Buses
Supports One or Two DMA Channels and
Programmed I/O
supply. It provides a direct, byte-wide interface to both ISA
(“AT”) and EISA computer buses for simplified implementa-
tion on a computer motherboard or add-in card. The AD1848K
generates enable and direction controls for IC buffers such as
74_245.
The AD1848K SoundPort Stereo Codec supports a DMA re-
quest/grant architecture for transferring data with the host com-
puter bus. One or two DMA channels can be supported.
Programmed I/O (PIO) mode is also supported for control
register accesses and for applications lacking DMA control. Two
input control lines support mixed direct and indirect addressing
of twenty-one internal control registers over this asynchronous
interface.
External circuit requirements are limited to a minimal number
of low cost support components. Anti-imaging DAC output fil-
ters are incorporated on-chip. Dynamic range exceeds 80 dB
over the 20 kHz audio band. Sample rates from 5.5 kHz to
48 kHz are supported from external crystals.
The Codec includes a stereo pair of
∑∆ analog-to-digital
converters and a stereo pair of
∑∆ digital-to-analog converters.
Inputs to the ADC can be selected from four stereo pairs of
(Continued on page 9)
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
PRODUCT OVERVIEW
The Parallel-Port AD1848K SoundPort® Stereo Codec inte-
grates the key audio data conversion and control functions into
a single integrated circuit. The AD1848K is intended to provide
a complete, single-chip audio solution for business audio and
multimedia applications requiring operation from a single +5 V
SoundPort is a registered trademark of Analog Devices, Inc.
FUNCTIONAL BLOCK DIAGRAM
MUX
∑∆ A/D
CONVERTER
P
A
R
A
L
L
E
L
P
O
R
T
ANALOG
CRYSTALS
ANALOG
SUPPLY
DIGITAL
SUPPLY
POWER DOWN
20
dB
L_LINE
R_LINE
L_MIC
R_MIC
L
R
GAIN
L
R
µ/
A
L
A
W
∑
∑
OSCILLATORS
REFERENCE
2.25V
L_AUX1
R_AUX1
∑
R_OUT
GAIN/ATTEN/MUTE
L_AUX2
R_AUX2
∑
DIGITAL
µ/
A
L
A
W
DATA7:0
ADR1:0
CS
WR
RD
BUS DRIVER
CONTROL
PLAYBACK ACK
PLAYBACK REQ
CAPTURE ACK
CAPTURE REQ
HOST DMA
INTERRUPT
EXTERNAL
CONTROL
CONTROL
REGS
DIGITAL
MIX
16
∑∆ A/D
CONVERTER
16
∑∆ D/A
CONVERTER
∑∆ D/A
CONVERTER
ANALOG
FILTER
GAIN
ANALOG
FILTER
2
2
2
2
2
8
INTERPOL
INTERPOL
ATTENUATE
ATTENUATE
L_OUT
ATTEN/
MUTE
ATTEN/
MUTE
GAIN/ATTEN/MUTE


Similar Part No. - AD1848K

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1848K AD-AD1848K_15 Datasheet
242Kb / 28P
Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
More results

Similar Description - AD1848K

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1845 AD-AD1845 Datasheet
333Kb / 40P
Parallel-Port 16-Bit SoundPort Stereo Codec
AD1846 AD-AD1846 Datasheet
277Kb / 28P
Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
AD1847 AD-AD1847 Datasheet
311Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
AD1849K AD-AD1849K Datasheet
293Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
AD1845JSTZ AD-AD1845JSTZ Datasheet
676Kb / 40P
Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1847 AD-AD1847_15 Datasheet
241Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1848K AD-AD1848K_15 Datasheet
242Kb / 28P
Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1846 AD-AD1846_15 Datasheet
249Kb / 28P
Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1845 AD-AD1845_15 Datasheet
1Mb / 40P
Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com