Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB-RTCMK-32768KHZ Datasheet(PDF) 4 Page - Abracon Corporation

Part # AB-RTCMK-32768KHZ
Description  Ultra low profile, 3.2 x 2.5 x 1.0 mm, Seam sealed SMT package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTCMK-32768KHZ Datasheet(HTML) 4 Page - Abracon Corporation

  AB-RTCMK-32768KHZ Datasheet HTML 1Page - Abracon Corporation AB-RTCMK-32768KHZ Datasheet HTML 2Page - Abracon Corporation AB-RTCMK-32768KHZ Datasheet HTML 3Page - Abracon Corporation AB-RTCMK-32768KHZ Datasheet HTML 4Page - Abracon Corporation AB-RTCMK-32768KHZ Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AB-RTCMK-32.768kHz
REAL TIME CLOCK MODULE WITH 32.768kHz TCXO
3.2 x 2.5 x 1.0 mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 : 2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 09.30.12
Visit www.abracon.com for Terms & Conditions of Sale
MARKING:
#1 : CLKOE
#5 : CLKOUT
#2 : /INT
#6 : SCL
#3 : N.C.
#7 : SDA
#4 : VSS
#8 : VDD
Top View
Side View
Bottom View
Recommended Land Pattern
PIN / Function
Dimension : mm
OUTLINE DRAWING:
Lot Number
Date Code
Internal Traceability Code
Pin# 1 indicator
XXXXXXX



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com