Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB-RTCMK-32768KHZ Datasheet(PDF) 3 Page - Abracon Corporation

Part # AB-RTCMK-32768KHZ
Description  Ultra low profile, 3.2 x 2.5 x 1.0 mm, Seam sealed SMT package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTCMK-32768KHZ Datasheet(HTML) 3 Page - Abracon Corporation

  AB-RTCMK-32768KHZ Datasheet HTML 1Page - Abracon Corporation AB-RTCMK-32768KHZ Datasheet HTML 2Page - Abracon Corporation AB-RTCMK-32768KHZ Datasheet HTML 3Page - Abracon Corporation AB-RTCMK-32768KHZ Datasheet HTML 4Page - Abracon Corporation AB-RTCMK-32768KHZ Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AB-RTCMK-32.768kHz
REAL TIME CLOCK MODULE WITH 32.768kHz TCXO
3.2 x 2.5 x 1.0 mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 : 2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 09.30.12
Visit www.abracon.com for Terms & Conditions of Sale
Pin No.
Pin Name
I/O
Function
1
CLKOE
Input
This is an input pin used to control the output mode of the CLKOUT pin.
When this pin’s level is high, the CLKOUT pin is in output mode.
When it is low, the CLKOUT pin is “Hi-Z” (High Impedance).
2
/INT
Output This pin is used to output alarm signals, timer signals, timer update signals,
and other signals. This pin is an open drain pin.
3
N.C.
This pin is open.
4
VSS
This pin is connected to ground.
5
CLKOUT
Output This pin outputs a 32.768kHz signal.
This is the C-MOS output pin with output control provided via the CLKOE pin.
6
SCL
Input
This is the serial clock input for I2C BUS communications.
7
SDA
I/O
This is the serial data input/output for I2C BUS communications.
This pin’s signal is used for input and output of address, data, and ACK bits,
synchronized with the serial clock used for I2C communication.
This pin is an N-ch open drain pin during output.
8
VDD
This pin is connected to a positive power supply.
VDD
VSS
SCL
CLKOE
CLKOUT
SDA
32.768kHz
/INT
EEPROM
DIVIDER
CLOCK
CALENDER
COUNTER
ALARM
REGISTER
CLKOUT
CONTROL
INTERRUPT
CONTROL
TIMER
REGISTER
I2C-BUS
INTERFACE
FUNCTION:
BLOCK DIAGRAM:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com