Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB-RTCMK-32768KHZ Datasheet(PDF) 5 Page - Abracon Corporation

Part # AB-RTCMK-32768KHZ
Description  Ultra low profile, 3.2 x 2.5 x 1.0 mm, Seam sealed SMT package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTCMK-32768KHZ Datasheet(HTML) 5 Page - Abracon Corporation

  AB-RTCMK-32768KHZ Datasheet HTML 1Page - Abracon Corporation AB-RTCMK-32768KHZ Datasheet HTML 2Page - Abracon Corporation AB-RTCMK-32768KHZ Datasheet HTML 3Page - Abracon Corporation AB-RTCMK-32768KHZ Datasheet HTML 4Page - Abracon Corporation AB-RTCMK-32768KHZ Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applica-
tions. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where
component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and
authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
AB-RTCMK-32.768kHz
REAL TIME CLOCK MODULE WITH 32.768kHz TCXO
3.2 x 2.5 x 1.0 mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 : 2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 09.30.12
Visit www.abracon.com for Terms & Conditions of Sale
TAPE & REEL:
For detail data sheet, please contact tech-support@abracon.com
Feeding Direction
T: 1000pcs/reel
T3: 3000pcs/reel (standard reel quantity)
Reel Dimensions
A
B
C
D
E
F
2.80 ± 0.1
3.50 ± 0.1
8.00 ± 0.3
3.50 ± 0.05
1.75 ± 0.1
4.00 ± 0.1
G
H
I
J
K
T
2.00 ± 0.05
4.00 ± 0.1
ø1.5 +1.0/-0
ø 1.5 +1.0/-0
1.10 ± 0.1
0.25 ± 0.05
Dimension : mm
Dimension : mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com