Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB-RTCMK-32768KHZ Datasheet(PDF) 1 Page - Abracon Corporation

Part # AB-RTCMK-32768KHZ
Description  Ultra low profile, 3.2 x 2.5 x 1.0 mm, Seam sealed SMT package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTCMK-32768KHZ Datasheet(HTML) 1 Page - Abracon Corporation

  AB-RTCMK-32768KHZ Datasheet HTML 1Page - Abracon Corporation AB-RTCMK-32768KHZ Datasheet HTML 2Page - Abracon Corporation AB-RTCMK-32768KHZ Datasheet HTML 3Page - Abracon Corporation AB-RTCMK-32768KHZ Datasheet HTML 4Page - Abracon Corporation AB-RTCMK-32768KHZ Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AB-RTCMK-32.768kHz
REAL TIME CLOCK MODULE WITH 32.768kHz TCXO
3.2 x 2.5 x 1.0 mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 : 2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 09.30.12
Visit www.abracon.com for Terms & Conditions of Sale
Moisture Sensitivity Level: MSL=1
APPLICATIONS:
FEATURES:
• Ultra low profile, 3.2 x 2.5 x 1.0 mm, Seam sealed SMT package
• Exceptional Frequency Stability over temperature; ±5.0 ppm max.
over -40ºC to +85ºC
• Operating Voltage; +1.30V to +5.50V
• 4.0µA max. current at no load
• I2C Communication
• Clock function : Hour/ Min / Sec
• Leap year automatic distinction calendar function till 2099
• Alarm interruption function for day, date, hour and minute settings
• A constant cycle timer interruption function : 244.14us to 255 min
• Time update interruption function
:Min / Sec
• Clock output function
:32.768kHz / 1024Hz / 32Hz / 1Hz
• Smart cards
• Wireless sensors and tags
• Medical electronics
• Utility meters
• Data loggers
• Appliances
• Handsets
• Consumer electronics
STANDARD SPECIFICATIONS:
Parameters
Minimum
Typical
Maximum
Units
Notes
Nominal Frequency (f0)
32.768
kHz
Frequency Tolerance (df/f0)
-3.0
+3.0
ppm
Initial + 2 times
reflow
Ta=+25 ± 2 ºC
Frequency Stability vs Temp. (df/f0)
-5.0
+5.0
ppm
Ta=-40 to +85 ºC
Frequency Stability vs Voltage (df/dV)
-1.0
+1.0
ppm/V Ta=+25 ºC
VDD=2.0 to 5.5V
Frequency Aging Rate (dfag)
-3.0
+3.0
ppm
Ta=+25 ºC, first year
Start Up Time (Tst)
1.0
sec
Ta=+25 ºC
VDD=1.3V
3.0
sec
Ta=-40 to +85 ºC
VDD=1.3 to 5.5V
Power Supply Current 1 (IDD1)
0.6
2.0
uA
SCL=SDA=/INT=VDD
CLKOUT=VSS,
VDD=3V
Power Supply Current 2 (IDD2)
1.5
4.0
uA
SCL=SDA=/INT=VDD
CLKOUT=VDD,
VDD=3V, CLOUT=0pF
Input Leak Current (ILK)
-0.5
+0.5
uA
CLKOE,SCL,SDA
VIN=VDD or VSS
Output Leak Current (IOZ)
-0.5
+0.5
uA
CLKOUT,/INT,SDA
VOUT=VDD or VSS
“H” Input Voltage (VIH)
0.8 x VDD
5.5
V
CLKOE,SCL,SDA
“L” Input Voltage (VIL)
0.0
0.2 x VDD
V
CLKOE,SCL,SDA
“H” Output Voltage (VOH)
2.2
3.0
V
CLKOUT, VDD=3.0V,
IOH=-1mA
VOL1
0.0
0.8
V
CLKOUT, VDD=3.0V,
IOL=1mA
“L” Output Voltage
VOL2
0.0
0.4
V
/INT, VDD=3.0V,
IOL=1mA
VOL3
0.0
0.4
V
SDA, VDD≥2.0V,
IOL=3mA
Low Voltage Detection
Voltage (VDET)
1.3
1.4
1.5
V
For detail data sheet, please contact tech-support@abracon.com


Similar Part No. - AB-RTCMK-32768KHZ

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AB-RTCMK-32.768KHZ ABRACON-AB-RTCMK-32.768KHZ Datasheet
2Mb / 5P
REAL TIME CLOCK MODULE WITH 32.768kHz TCXO
09.30.12
More results

Similar Description - AB-RTCMK-32768KHZ

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I537 ILSI-I537 Datasheet
47Kb / 2P
2.5 mm x 3.2 mm Ceramic Package SMD TCXO
I547 ILSI-I547 Datasheet
47Kb / 2P
2.5 mm x 3.2 mm Ceramic Package SMD TCXO
ILCX13 ILSI-ILCX13 Datasheet
46Kb / 2P
4 Pad Ceramic Package, 2.5 mm x 3.2 mm
logo
P-tec Corporation
PL00190-WCG07 P-TEC-PL00190-WCG07 Datasheet
124Kb / 1P
Dome lens package 3.2 x 1.0 x 1.5mm
PL00190-WCG11 P-TEC-PL00190-WCG11 Datasheet
124Kb / 1P
Dome lens package 3.2 x 1.0 x 1.5mm
logo
ILSI America LLC
ISM87 ILSI-ISM87 Datasheet
129Kb / 2P
2.5 mm x 3.2 mm Ceramic Package SMD Oscillator
ISM671 ILSI-ISM671 Datasheet
124Kb / 3P
3.2 mm x 2.5 mm Ceramic Package SMD Oscillator
logo
MTRONPTI
M2403 MTRONPTI-M2403 Datasheet
1Mb / 3P
SPECIFICATION FOR 2.5 x 3.2 mm SMT CRYSTAL OSCILLATOR
logo
TAITIEN ELECTRONICS CO....
XO-0108-32.768K-OX-OY TAITIEN-XO-0108-32.768K-OX-OY Datasheet
758Kb / 1P
3.2 x 2.5 / 2.5 x 2.0 mm SMD Oscillator
logo
Xtaltq Technologies Co....
BS3225A XTALTQ-BS3225A Datasheet
327Kb / 2P
Typical 3.2 x 2.5 x 0.95 mm ceramic SMD package.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com