Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6180C Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS6180C
Description  AM Receiver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6180C Datasheet(HTML) 2 Page - Micro Analog systems

  MAS6180C Datasheet HTML 1Page - Micro Analog systems MAS6180C Datasheet HTML 2Page - Micro Analog systems MAS6180C Datasheet HTML 3Page - Micro Analog systems MAS6180C Datasheet HTML 4Page - Micro Analog systems MAS6180C Datasheet HTML 5Page - Micro Analog systems MAS6180C Datasheet HTML 6Page - Micro Analog systems MAS6180C Datasheet HTML 7Page - Micro Analog systems MAS6180C Datasheet HTML 8Page - Micro Analog systems MAS6180C Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2 (13)
DA6180C.000
26 November, 2010
MAS6180 PAD LAYOUT
VDD
QOP
QOM
QI
AGC
OUT
DEC
AON
PDN
RFIP
RFIM
VSS
1160 µ
µ
µ
µ
m
VSS pad
bonded first!
MAS6180Cx
DIE size = 1160 µm x 1320 µm; PAD size = 80 µm x 80 µm
Note: Because the substrate of the die is internally connected to VSS, the die has to be connected to VSS or left
floating. Please make sure that VSS is the first pad to be bonded. Pick-and-place and all component assembly
are recommended to be performed in ESD protected area.
Note: Coordinates are pad center points where origin has been located in bottom-left corner of the silicon die.
Pad Identification
Name
X-coordinate
Y-coordinate
Note
Power Supply Voltage
VDD
126 µm
1122 µm
Positive Quartz Filter Output
QOP
126 µm
955 µm
Negative Quartz Filter Output
QOM
126 µm
787 µm
1
Quartz Filter Input for Crystal
QI
126 µm
604 µm
AGC Capacitor
AGC
126 µm
435 µm
Receiver Output
OUT
126 µm
258 µm
2
Demodulator Capacitor
DEC
1034 µm
261 µm
AGC On Control
AON
1034 µm
445 µm
3
Power Down
PDN
1034 µm
613 µm
4
Positive Receiver Input
RFIP
1034 µm
802 µm
5
Negative Receiver Input
RFIM
1034 µm
980 µm
5
Power Supply Ground
VSS
1034 µm
1111 µm
Notes:
1) QOM bonding pad is electrically unconnected in MAS6180C1 version
2) OUT = VSS when carrier amplitude at maximum; OUT = VDD when carrier amplitude is reduced (modulated)
-
the output is a current source/sink with |IOUT| > 5 µA
-
at power down the output is pulled to VSS (pull down switch)
3) AON = VSS means AGC off (hold current gain level); AON = VDD means AGC on (working)
-
Internal pull-up with current < 1 µA which is switched off at power down
4) PDN = VSS means receiver on; PDN = VDD means receiver off
Fast start-up is triggered when the receiver is after power down (PDN=VDD) controlled to power up
(PDN=VSS) i.e. at the falling edge of PDN signal.
5) Receiver inputs RFIP and RFIM have both 1.4 MΩ biasing resistors towards VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com