Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6180C Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS6180C
Description  AM Receiver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6180C Datasheet(HTML) 5 Page - Micro Analog systems

  MAS6180C Datasheet HTML 1Page - Micro Analog systems MAS6180C Datasheet HTML 2Page - Micro Analog systems MAS6180C Datasheet HTML 3Page - Micro Analog systems MAS6180C Datasheet HTML 4Page - Micro Analog systems MAS6180C Datasheet HTML 5Page - Micro Analog systems MAS6180C Datasheet HTML 6Page - Micro Analog systems MAS6180C Datasheet HTML 7Page - Micro Analog systems MAS6180C Datasheet HTML 8Page - Micro Analog systems MAS6180C Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5 (13)
DA6180C.000
26 November, 2010
TYPICAL APPLICATION (Continued)
Note 1: Crystals
The crystal as well as ferrite antenna frequencies are chosen according to the time-signal system (Table 1). More
detailed crystal nominal frequency is normally specified for certain load capacitance but in MAS6180 filter circuit
the load capacitance is not used. Effectively this means that most accurate filter frequency is achieved by using
about 3 Hz higher frequency crystal than the received time signal frequency. For example in DCF77 application a
77.503 kHz crystal resonates at the desired DCF77 77.500 kHz frequency when the load capacitor is missing.
Table 1. Time-Signal System Frequencies
Time-Signal System
Location
Antenna Frequency
Recommended Crystal Frequency
DCF77
Germany
77.5 kHz
77.503 kHz
HGB
Switzerland
75 kHz
75.003 kHz
MSF
United Kingdom
60 kHz
60.003 kHz
WWVB
USA
60 kHz
60.003 kHz
JJY
Japan
40 kHz and 60 kHz
40.003 kHz and 60.003 kHz
BPC
China
68.5 kHz
68.505 kHz
The crystal shunt capacitance C0 should be matched as well as possible with the internal shunt capacitance
compensation capacitor CC of MAS6180. See Compensation Capacitance Options on table 2.
Table 2 . Compensation Capacitance Options
Device
CC
Crystal Description
MAS6180C1
0.75 pF
For low C0 crystals
It should be noted that grounded crystal package has reduced shunt capacitance. This value is about 85% of
floating crystal shunt capacitance. For example crystal with 1 pF floating package shunt capacitance can have
0.85 pF grounded package shunt capacitance. PCB traces of crystal should be kept at minimum to minimize
additional parasitic capacitance which can cause capacitance mismatching.
Table 3 below presents some crystal manufacturers having suitable crystals for time signal receiver application.
Table 3. Crystal Manufacturers and Crystal Types in Alphabetical Order for Time Signal Receiver Application
Manufacturer
Crystal Type
Dimensions
Web Link
Citizen
CFV-206
ø 2.0 x 6.0
http://www.citizen.co.jp/tokuhan/quartz/
Epson Toyocom
C-2-Type
C-4-Type
ø 1.5 x 5.0
ø 2.0 x 6.0
http://www.epsontoyocom.co.jp/english/
KDS Daishinku
DT-261
ø 2.0 x 6.0
http://www.kds.info/index_en.htm
Microcrystal
MS3V-T1R
1.45 x 1.45 x 6.7
http://www.microcrystal.com/
Seiko
Instruments
VTC-120
ø 1.2 x 4.7
http://www.sii-crystal.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com