Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6180C Datasheet(PDF) 10 Page - Micro Analog systems

Part # MAS6180C
Description  AM Receiver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6180C Datasheet(HTML) 10 Page - Micro Analog systems

Back Button MAS6180C Datasheet HTML 5Page - Micro Analog systems MAS6180C Datasheet HTML 6Page - Micro Analog systems MAS6180C Datasheet HTML 7Page - Micro Analog systems MAS6180C Datasheet HTML 8Page - Micro Analog systems MAS6180C Datasheet HTML 9Page - Micro Analog systems MAS6180C Datasheet HTML 10Page - Micro Analog systems MAS6180C Datasheet HTML 11Page - Micro Analog systems MAS6180C Datasheet HTML 12Page - Micro Analog systems MAS6180C Datasheet HTML 13Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10 (13)
DA6180C.000
26 November, 2010
PACKAGE (TSSOP-16) OUTLINES
Dimension
Min
Max
Unit
A
6.40 BSC
mm
B
4.30
4.50
mm
C
5.00 BSC
mm
D
0.05
0.15
mm
E
1.10
mm
F
0.19
0.30
mm
G
0.65 BSC
mm
H
0.18
0.28
mm
I
0.09
0.20
mm
I1
0.09
0.16
mm
J
0.19
0.30
mm
J1
0.19
0.25
mm
K
0°
8°
L
0.24
0.26
mm
M
(The length of a terminal for
soldering to a substrate)
0.50
0.75
mm
N
1.00 REF
mm
O
12°
P
12°
Dimensions do not include mold flash, protrusions, or gate burrs.
All dimensions are in accordance with JEDEC standard MO-153.
B
A
C
Pin 1
D
Seating Plane
E
H
G
F
B
B
Detail A
L
K
M
N
P
O
Detail A
I
I1
J
J1
Section B-B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com