Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6180C Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS6180C
Description  AM Receiver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6180C Datasheet(HTML) 3 Page - Micro Analog systems

  MAS6180C Datasheet HTML 1Page - Micro Analog systems MAS6180C Datasheet HTML 2Page - Micro Analog systems MAS6180C Datasheet HTML 3Page - Micro Analog systems MAS6180C Datasheet HTML 4Page - Micro Analog systems MAS6180C Datasheet HTML 5Page - Micro Analog systems MAS6180C Datasheet HTML 6Page - Micro Analog systems MAS6180C Datasheet HTML 7Page - Micro Analog systems MAS6180C Datasheet HTML 8Page - Micro Analog systems MAS6180C Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3 (13)
DA6180C.000
26 November, 2010
6)
ABSOLUTE MAXIMUM RATINGS
All Voltages with Respect to Ground
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VDD-VSS
- 0.3
+5.5
V
Input Voltage
VIN
VSS-0.3
VDD+0.3
V
ESD Rating
VESD
For all pins,
Human Body Model (HBM)
±2
kV
Latchup Current Limit
ILUT
For all pins
±100
mA
Operating Temperature
TOP
-40
+85
°C
Storage Temperature
TST
- 55
+150
°C
Stresses beyond those listed may cause permanent damage to the device. The device may not operate under these conditions, but it will
not be destroyed.
Note: In latchup testing the supply voltages are connected normally to the tested device. Then pulsed test current is fed to each input
separately and device current consumption is observed. If the device current consumption increases suddenly due to test current pulses
and the abnormally high current consumption continues after test current pulses are cut off then the device has gone to latch up. Current
pulse is turned on for 10 ms and off for 20 ms.
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 5.0V, Temperature = 25°C, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating Voltage
VDD
TA = -40°C..+85°C
1.5
5.0
5.5
V
VDD=1.5 V, Vin=0.4 µVrms
VDD=5 V, Vin=0.4 µVrms
66
68
80
µ
A
Current Consumption
IDD
VDD=1.5 V, Vin=20 mVrms
VDD=5 V, Vin=20 mVrms
43
45
65
µ
A
Stand-By Current
IDDoff
See note below.
0.1
µ
A
Input Frequency Range
fIN
40
100
kHz
Minimum Input Voltage
VIN min
0.4
1
µ
Vrms
Maximum Input Voltage
VIN max
20
mVrms
Receiver Input Resistance
Receiver Input Capacitance
RRFI
CRFI
Differential Input,
f=77.5 kHz
600
1.1
kΩ
pF
Input Levels |lIN|<0.5 µA
VIL
VIH
VDD-0.35
0.35
V
Output Current
VOL<0.2 VDD;VOH >0.8 VDD
|IOUT|
5
15
µ
A
DCF77 Output Pulses
T 100ms
T 200ms
1 µVrms ≤ VIN ≤
20 mVrms, see note below!
95
195
ms
MSF Output Pulses
T 100ms
T 200ms
T 500ms
1 µVrms ≤ VIN ≤
20 mVrms, see note below!
120
220
520
ms
WWVB Output Pulses
T 200ms
T 500ms
T 800ms
1 µVrms ≤ VIN ≤
20 mVrms, see note below!
200
500
800
ms
JJY60 Output Pulses
T 200ms
T 500ms
T 800ms
1 µVrms ≤ VIN ≤
20 mVrms, see note below!
210
505
800
ms
JJY40 Output Pulses
T 200ms
T 500ms
T 800ms
1 µVrms ≤ VIN ≤
20 mVrms, see note below!
200
495
790
ms
Startup Time
TStart
Fast Start-up, Vin=0.4 µVrms
Fast Start-up, Vin=20 mVrms
1.3
3.5
4
s
Output Delay Time
TDelay
50
100
ms
Note: Stand-by current consumption may increase if V IH and V IL differ from VDD and 0 respectively.
Note: See Note 6: Time Signal Software’s Pulse Width Recognition Limits and Table 5 on page 7!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com