Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6279B Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS6279B
Description  IC FOR 5.00 ??64.00 MHz VCTCXO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6279B Datasheet(HTML) 2 Page - Micro Analog systems

  MAS6279B Datasheet HTML 1Page - Micro Analog systems MAS6279B Datasheet HTML 2Page - Micro Analog systems MAS6279B Datasheet HTML 3Page - Micro Analog systems MAS6279B Datasheet HTML 4Page - Micro Analog systems MAS6279B Datasheet HTML 5Page - Micro Analog systems MAS6279B Datasheet HTML 6Page - Micro Analog systems MAS6279B Datasheet HTML 7Page - Micro Analog systems MAS6279B Datasheet HTML 8Page - Micro Analog systems MAS6279B Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DA6279B.001
24 April 2012
2 (9)
BLOCK DIAGRAM
Figure 1. Block diagram of MAS6279B.
NOISE
FILTER
EEPROM+RO
TEST(3:0)
INF(7:0)
LIN(8:0)
SQ(6:0)
CUB(6:0)
FOUR(6:0)
FIFTH(6:0)
OFS(4:0)
CDACC(5:0)
CDACF(5:0)
DIV
SC
XOPD
INFO
PGM
(from
testmux)
CLK
VDD
XOUT
XIN
VSS
DA
VC
TEST
MUX
To all blocks
POLYNOMIAL
f(T) = Ax
5+Bx4
+ Cx
3+ Dx2+Ex+F
TIN
MOUT
OUT
CDAC
CDAC
f |
f/
2
VREF
bandgap
Thermal
sensor
XO
core
Buffers+dividers
(SINE/CMOS
mode)
VDD



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com