Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6279B Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS6279B
Description  IC FOR 5.00 ??64.00 MHz VCTCXO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6279B Datasheet(HTML) 4 Page - Micro Analog systems

  MAS6279B Datasheet HTML 1Page - Micro Analog systems MAS6279B Datasheet HTML 2Page - Micro Analog systems MAS6279B Datasheet HTML 3Page - Micro Analog systems MAS6279B Datasheet HTML 4Page - Micro Analog systems MAS6279B Datasheet HTML 5Page - Micro Analog systems MAS6279B Datasheet HTML 6Page - Micro Analog systems MAS6279B Datasheet HTML 7Page - Micro Analog systems MAS6279B Datasheet HTML 8Page - Micro Analog systems MAS6279B Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DA6279B.001
24 April 2012
4 (9)
ELECTRICAL CHARACTERISTICS
(recommended operation conditions)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Note
Crystal Frequency Range
fc
10.00
64.00
MHz
1)
Output Frequency Range
fo
5.00
64.00
MHz
1)
Voltage Control Range
VC
0
1.3
VDD
V
2)
Voltage Control Sensitivity
VCSENS
3
ppm/V
3)
Voltage Control Linearity
VCLIN
±20
%
4)
Frequency vs. Supply Voltage
dfo
VDD ± 5%
±0.1
ppm
Frequency vs. Load Change
dfo
±0.1
ppm
5)
Output voltage (10 k
|| 10 pF)
Vout
0.8
1.0
Vpp
6)
Output voltage (10 k
|| 15 pF)
Vout
VDD
Vpp
7)
Voh
0.8vdd
7)
Vol
0.2vdd
7)
Rise and Fall Time (10 - 15 pF)
3
ns
7)
Duty Cycle
40
50
60
%
Supply Current, Sine mode
IDD
10 MHz
40 MHz
52.5 MHz
1.2
2.3
2.5
1.3
2.5
2.7
1.7
3.3
3.7
mA
Supply Current, CMOS mode
10 MHz
40 MHz
52.5 MHz
1.7
3.9
4.9
1.8
4.1
6.3
2.1
5.0
7.0
mA
Compensated Frequency
Stability
dfo
-40
oC …+85 oC
-20
oC …+70 oC
+10
oC …+50 oC
-0.5
-0.28
-0.14
+0.5
+0.28
+0.14
ppm
8)
Compensation Range Linear
Part
a1
-0.4
-0.1
ppm/K
Compensation Inflection Point
INF
20
28
36
oC
Compensation Range Cubic
Part
a3
95
10
-12/K3
Amplitude Start up Time
TSTART
2
ms
Tri State Output Buffer
OFF State
ON State
DA
0
VDD-0.6
0.55
VDD
V
Phase Noise
@ 1Hz
φn
-60
-90
-113
-136
-148
-155
dBc/Hz
9)
@ 10Hz
@ 100Hz
@ 1kHz
@ 10kHz
@ 100kHz
Note 1: Frequency division by two is selected by EEPROM bit DIV: 0=no division, 1=div by 2
Thus IC output frequency range is 5 MHz – 64 MHz.
Note 2: If VC is not needed, it should be left unconnected (floating)
Note 3: Depending on a crystal pulling.
Note 4: VC=1.3V±0.5V, VDD=2.8V
Note 5: RL = 10 k
± 10%, In sine wave output CL = 10 pF ± 10%, In CMOS output CL = 15 pF ± 10%
Note 6: Sine mode only
Note 7: CMOS mode only
Note 8: Typical values
Note 9: Not measured in production testing; guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com