Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6279B Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS6279B
Description  IC FOR 5.00 ??64.00 MHz VCTCXO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6279B Datasheet(HTML) 3 Page - Micro Analog systems

  MAS6279B Datasheet HTML 1Page - Micro Analog systems MAS6279B Datasheet HTML 2Page - Micro Analog systems MAS6279B Datasheet HTML 3Page - Micro Analog systems MAS6279B Datasheet HTML 4Page - Micro Analog systems MAS6279B Datasheet HTML 5Page - Micro Analog systems MAS6279B Datasheet HTML 6Page - Micro Analog systems MAS6279B Datasheet HTML 7Page - Micro Analog systems MAS6279B Datasheet HTML 8Page - Micro Analog systems MAS6279B Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DA6279B.001
24 April 2012
3 (9)
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Unit
Note
Supply Voltage
VDD – VSS
-0.3
3.6
V
Input Voltage
VIN
VSS -0.3
VDD + 0.3
V
Storage Temperature
TST
-55
150
oC
Latchup Current Limit
ILUT
±100
mA
Note: Operation at maximum conditions will not damage the part but performance can not be guaranteed.
Stresses beyond those listed may cause permanent damage to the device.
Note: This is a CMOS device and therefore it should be handled carefully to avoid any damage by static
voltages (ESD).
RECOMMENDED OPERATION CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Note
Supply Voltage
VDD
2.6
2.8
3.6
V
Supply Voltage at EEPROM
Programming
VDD
T=+25°C. Note 1.
3.0
3.3
3.6
V
Operating Temperature
TOP
-40
25
+85
oC
Crystal Pulling Sensitivity
S
24
44
ppm/pF
Crystal Load Capacitance
CL
VC = 1.3V
9.2
pF
Crystal Rs
Rs
20
50
Note 1. The recommended condition for EEPROM programming is room temperature.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com