Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6279B Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS6279B
Description  IC FOR 5.00 ??64.00 MHz VCTCXO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6279B Datasheet(HTML) 1 Page - Micro Analog systems

  MAS6279B Datasheet HTML 1Page - Micro Analog systems MAS6279B Datasheet HTML 2Page - Micro Analog systems MAS6279B Datasheet HTML 3Page - Micro Analog systems MAS6279B Datasheet HTML 4Page - Micro Analog systems MAS6279B Datasheet HTML 5Page - Micro Analog systems MAS6279B Datasheet HTML 6Page - Micro Analog systems MAS6279B Datasheet HTML 7Page - Micro Analog systems MAS6279B Datasheet HTML 8Page - Micro Analog systems MAS6279B Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DA6279B.001
24 April 2012
1 (9)
MAS6279B
IC FOR 5.00 – 64.00 MHz VCTCXO
Fifth Order Compensation
Frequency Stability ± 0.14 ppm
Wide Frequency Range
Very Low Phase Noise
Minimum Operating
Temperature –40 °C
EEPROM Selectable Output
Tri State Output
DESCRIPTION
The MAS6279B is an integrated circuit well suited
to build high end VCTCXO for telecommunication.
The trimming is done through a serial bus and the
calibration information is stored in an internal
EEPROM.
To build a VCTCXO only a crystal is required in
addition to MAS6279B. The compensation method
is
fully analog,
working
continuously without
generating any steps or other interference.
FEATURES
APPLICATIONS
Very small size
Minimal current consumption
Wide operating temperature range
Very low phase noise
Minimum operating temperature –40 °C
Oscillator frequency output selectable by
EEPROM direct or fc/2.
Output waveform selectable by EEPROM:
clipped sine wave or CMOS.
Possibility to use just a compensation part
(VC)TCXO for high end
telecommunications systems
(VC)TCXO for GPS
(VC)TCXO for Stratum
(VC)TCXO for Picocell
(VC)TCXO for Femtocell
This is preliminary information on a new
product under development. Micro Analog
Systems Oy reserves the right to make
any changes without notice.


Similar Part No. - MAS6279B

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6279D8 MAS-MAS6279D8 Datasheet
594Kb / 12P
IC FOR 5.00 ??64.00 MHz VCTCXO
MAS6279D8HP06 MAS-MAS6279D8HP06 Datasheet
594Kb / 12P
IC FOR 5.00 ??64.00 MHz VCTCXO
MAS6279D8WAB05 MAS-MAS6279D8WAB05 Datasheet
594Kb / 12P
IC FOR 5.00 ??64.00 MHz VCTCXO
MAS6279D8WAD00 MAS-MAS6279D8WAD00 Datasheet
594Kb / 12P
IC FOR 5.00 ??64.00 MHz VCTCXO
More results

Similar Description - MAS6279B

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6282 MAS-MAS6282 Datasheet
106Kb / 5P
IC FOR 6.50 - 40.00 MHz VCTCXO
MAS1175 MAS-MAS1175 Datasheet
123Kb / 9P
IC FOR 10.00 - 20.00 MHz VCTCXO
MAS9270 MAS-MAS9270 Datasheet
129Kb / 9P
IC FOR 10.00 - 30.00 MHz VCTCXO
MAS9276 MAS-MAS9276 Datasheet
125Kb / 8P
IC for 10.00 - 30.00 MHz VCTCXO
MAS9279 MAS-MAS9279 Datasheet
177Kb / 10P
IC FOR 10.00 - 52.00 MHz VCTCXO
MAS9280 MAS-MAS9280 Datasheet
137Kb / 8P
IC FOR 18.00 - 40.00 MHz VCTCXO
logo
RF Monolithics, Inc
XVT9001 RFM-XVT9001 Datasheet
288Kb / 3P
19.200 MHz VCTCXO
XVT9002 RFM-XVT9002 Datasheet
285Kb / 3P
26 MHz VCTCXO
XVT9002-1 RFM-XVT9002-1 Datasheet
284Kb / 3P
26 MHz VCTCXO
logo
Micro Analog systems
MAS6279D8 MAS-MAS6279D8 Datasheet
594Kb / 12P
IC FOR 5.00 ??64.00 MHz VCTCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com