Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT513 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT513
Description  ActiveQR Quasi-Resonant PWM Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT513 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT513 Datasheet HTML 1Page - Active-Semi, Inc ACT513 Datasheet HTML 2Page - Active-Semi, Inc ACT513 Datasheet HTML 3Page - Active-Semi, Inc ACT513 Datasheet HTML 4Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ACT513
Product Brief, 05-Dec-12
Innovative Power
TM
- 2 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActiveQR
TM is a trademark of Active-Semi.
PIN CONFIGURATION
PIN DESCRIPTIONS
PART NUMBER
TEMPERATURE RANGE
PACKAGE
PINS
PACKING
METHOD
TOP MARK
ACT513US-T
-40°C to 85°C
SOT23-6
6
TUBE & REEL
FSIT
SOT23-6
ACT513US
ORDERING INFORMATION
PIN
NAME
DESCRIPTION
1
CS
Current Sense Pin. Connect an external resistor (RCS) between this pin and ground to set peak
current limit for the primary switch.
2
GND
Ground.
3
GATE
Gate Drive. Gate driver for the external MOSFET transistor.
4
VDD
Power Supply. This pin provides bias power for the IC during startup and steady state operation.
5
VDET
Valley Detector Pin. Connect this pin to a resistor divider network from the auxiliary winding to
detect zero-crossing points for valley turn on operation.
6
FB
Feedback Pin. Connect this pin to optocouplers’s collector for output regulation.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com